Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3414HVSD Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3414HVSD
Description  Common Anode-Capable Constant Current Buck LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3414HVSD Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3414HVSD Datasheet HTML 3Page - Texas Instruments LM3414HVSD Datasheet HTML 4Page - Texas Instruments LM3414HVSD Datasheet HTML 5Page - Texas Instruments LM3414HVSD Datasheet HTML 6Page - Texas Instruments LM3414HVSD Datasheet HTML 7Page - Texas Instruments LM3414HVSD Datasheet HTML 8Page - Texas Instruments LM3414HVSD Datasheet HTML 9Page - Texas Instruments LM3414HVSD Datasheet HTML 10Page - Texas Instruments LM3414HVSD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM3414, LM3414HV
www.ti.com
SNVS678F – JUNE 2010 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
All curves taken at VIN = 48 V with configuration in typical application for driving twelve power LEDs with ILED = 1 A shown in
this data sheet. TA = 25°C, unless otherwise specified.
Figure 5. IOUT vs Temperature (TA)
Figure 6. IOUT vs Temperature (TA)
(6 LED, VIN = 24 V), LM3414HV
(12 LED, VIN = 48 V), LM3414HV
Figure 7. VCC vs Temperature (TA), LM3414HV
Figure 8. VIADJ vs Temperature (TA), LM3414HV
Figure 9. IOUT and VLX, LM3414HV
Figure 10. ILX and VDIM, LM3414HV
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3414 LM3414HV


Similar Part No. - LM3414HVSD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414HVSD NSC-LM3414HVSD Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414HVSD TI-LM3414HVSD Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414HVSD/NOPB TI1-LM3414HVSD/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
National Semiconductor ...
LM3414HVSDX NSC-LM3414HVSDX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414HVSDX TI-LM3414HVSDX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
More results

Similar Description - LM3414HVSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com