Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3414HVMRX Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3414HVMRX
Description  Common Anode-Capable Constant Current Buck LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3414HVMRX Datasheet(HTML) 3 Page - Texas Instruments

  LM3414HVMRX Datasheet HTML 1Page - Texas Instruments LM3414HVMRX Datasheet HTML 2Page - Texas Instruments LM3414HVMRX Datasheet HTML 3Page - Texas Instruments LM3414HVMRX Datasheet HTML 4Page - Texas Instruments LM3414HVMRX Datasheet HTML 5Page - Texas Instruments LM3414HVMRX Datasheet HTML 6Page - Texas Instruments LM3414HVMRX Datasheet HTML 7Page - Texas Instruments LM3414HVMRX Datasheet HTML 8Page - Texas Instruments LM3414HVMRX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
VIN
LX
DIM
FS
PGND
IADJ
GND
VCC
2
3
4
1
7
6
5
8
EP
VIN
LX
DIM
FS
PGND
IADJ
GND
VCC
1
2
3
4
8
7
6
5
EP
LM3414, LM3414HV
www.ti.com
SNVS678F – JUNE 2010 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
DDA Package
NGQ Package
8-Pin SOIC
8-Pin WSON
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Internal Regulator Output Pin. This pin should be bypassed to ground by a ceramic capacitor
VCC
1
O
with a minimum value of 1 µF.
Power Ground Pin. Ground for power circuitry. Reference point for all stated voltages. Must
PGND
2
be externally connected to EP and GND.
Average Output Current Adjustment Pin. Connect resistor RIADJ from this pin to ground to
IADJ
3
I
adjust the average output current.
Analog Ground Pin. Analog ground connection for internal circuitry, must be connected to
GND
4
PGND external to the package.
Switching Frequency Setting Pin. Connect resistor RFS from this pin to ground to set the
FS
5
I
switching frequency.
PWM Dimming Control Pin. Apply logic level PWM signal to this pin controls the intend
DIM
6
I
brightness of the LED string.
Drain of N-MOSFET Switch. Connect this pin to the output inductor and anode of the
LX
7
O
schottky diode.
Input Voltage Pin. The input voltage should be in the range of 4.5 V to 42 V (LM3414) or 4.5
VIN
8
I
V to 65 V (LM3414HV).
Thermal Pad (Power Ground). Used to dissipate heat from the package during operation.
EP
EP
Must be electrically connected to PGND external to the package.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3414 LM3414HV


Similar Part No. - LM3414HVMRX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414HVMRX NSC-LM3414HVMRX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
LM3414HVMRX/NOPB TI1-LM3414HVMRX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
More results

Similar Description - LM3414HVMRX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3414HVMRX TI-LM3414HVMRX Datasheet
1Mb / 25P
[Old version datasheet]   1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com