Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2009LSS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2009LSS-13
Description  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2009LSS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2009LSS-13 Datasheet HTML 1Page - Diodes Incorporated DMN2009LSS-13 Datasheet HTML 2Page - Diodes Incorporated DMN2009LSS-13 Datasheet HTML 3Page - Diodes Incorporated DMN2009LSS-13 Datasheet HTML 4Page - Diodes Incorporated DMN2009LSS-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMN2009LSS
Document number: DS31409 Rev. 7 - 2
1 of 5
www.diodes.com
October 2013
© Diodes Incorporated
DMN2009LSS
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
20V
8mΩ @ VGS = 10V
12A
9mΩ @ VGS = 4.5V
10A
12mΩ @ VGS = 2.5V
8A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Backlighting
Power Management Functions
DC-DC Converters
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish
 Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN2009LSS-13
SO-8
2500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8
TOP VIEW
Top View
Internal Schematic
D
S
G
D
S
D
D
D
S
S
G
Equivalent circuit
Chengdu A/T Site
Shanghai A/T Site
= Manufacturer’s Marking
N2009LS = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)
YY = Date Code Marking for SAT (Shanghai Assembly/ Test site)
YY = Date Code Marking for CAT (Chengdu Assembly/ Test site)
1
4
8
5
N2009LS
WW
YY
1
4
8
5
N2009LS
WW
YY


Similar Part No. - DMN2009LSS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2009LSS-13 DIODES-DMN2009LSS-13 Datasheet
151Kb / 5P
   5SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2009LSS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3052LSS DIODES-DMN3052LSS Datasheet
175Kb / 5P
   SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3030LSS DIODES-DMN3030LSS_15 Datasheet
257Kb / 6P
   SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG014N03LS1C2 HUAYI-HYG014N03LS1C2 Datasheet
1Mb / 9P
   Single N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3007LSS DIODES-DMN3007LSS Datasheet
157Kb / 5P
   SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3112SSS DIODES-DMN3112SSS Datasheet
194Kb / 4P
   SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
logo
HUAYI MICROELECTRONICS ...
HY1904C2 HUAYI-HY1904C2 Datasheet
1Mb / 9P
   Single N-Channel Enhancement Mode MOSFET
HY1910C2 HUAYI-HY1910C2 Datasheet
2Mb / 9P
   Single N-Channel Enhancement Mode MOSFET
HY030N06C2 HUAYI-HY030N06C2 Datasheet
828Kb / 9P
   Single N-Channel Enhancement Mode MOSFET
HY1506C2 HUAYI-HY1506C2 Datasheet
429Kb / 9P
   Single N-Channel Enhancement Mode MOSFET
HY1303C HUAYI-HY1303C Datasheet
532Kb / 8P
   Single N-Channel Enhancement Mode MOSFET
HY1803C2 HUAYI-HY1803C2 Datasheet
1Mb / 9P
   Single N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com