Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EFM30 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part No. EFM30
Description  30W Ultraminiature Open Frame Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTRODYNE [Astrodyne Corporation]
Homepage  http://www.astrodyne.com
Logo 

EFM30 Datasheet(HTML) 1 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
30W Ultraminiature Open Frame Switching Power Supplies
E F M 3 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal 90-264VAC Input
High Efficiency
Improved EMI Performance
3000V Isolation
Single, Dual and Triple Outputs
UL60950-1, EN60950-1
Model Number
Output Voltage Output Amps (max)*2 Load Reg (max)
Ripple & Noise pk-pk Efficiency typ.
SINGLE OUTPUT
EFM-0300
3.3 Volts(DC)
7.5Amps
3%
100mV typ.
73%
EFM-0301
5 Volts(DC)
6Amps
2%
70mV typ.
78%
EFM-0302
12 Volts(DC)
2.5Amps
1%
70mV typ.
83%
EFM-0303
15 Volts(DC)
2Amps
1%
70mV typ.
84%
EFM-0305
24 Volts(DC)
1.25Amps
1%
50mV typ.
84%
EFM-0312
48 Volts(DC)
0.63Amps
1%
50mV typ.
85%
DUAL OUTPUT
EFM-0306
±12 Volts(DC)
±1.25Amps
±3%
±50mV typ.
80%
EFM-0307
±15 Volts(DC)
±1Amps
±3%
±50mV typ.
80%
EFM-0308
5/12 Volts(DC)
3/1.25Amps
±2%/ ±4%
±50mV typ.
74%
TRIPLE OUTPUT
EFM-0309
5/±12 Volts(DC)
3/±0.63Amps
0.6% / ±0.5%
100mV / ±75mV typ.
74%
EFM-0311
5/±15 Volts(DC)
3/±0.5Amps
0.6% / ±0.5%
100mV / ±75mV typ.
74%
As Small as 2.36”W x 3.41”L x 0.93”H (Single Output)
* See Note section on page 3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn