Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EFM30 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part No. EFM30
Description  30W Ultraminiature Open Frame Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTRODYNE [Astrodyne Corporation]
Homepage  http://www.astrodyne.com
Logo 

EFM30 Datasheet(HTML) 4 Page - Astrodyne Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
30W Ultraminiature Open Frame Switching Power Supplies
E F M 3 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS - DUAL
Dimensions are in millimeters [inches]
PIN #
EFM-0306~0307
EFM-0308
1
ACL
ACL
2
ACN
ACN
3
- V out
RETURN
4
NO PIN
NO PIN
5
COMMON
+5 V out
6
+ V out
+12 V out


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn