Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29503T5 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX29503T5
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29503T5 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX29503T5 Datasheet HTML 1Page - Sipex Corporation SPX29503T5 Datasheet HTML 2Page - Sipex Corporation SPX29503T5 Datasheet HTML 3Page - Sipex Corporation SPX29503T5 Datasheet HTML 4Page - Sipex Corporation SPX29503T5 Datasheet HTML 5Page - Sipex Corporation SPX29503T5 Datasheet HTML 6Page - Sipex Corporation SPX29503T5 Datasheet HTML 7Page - Sipex Corporation SPX29503T5 Datasheet HTML 8Page - Sipex Corporation SPX29503T5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
5A Low Dropout Voltage Regulator
Adjustable & Fixed Output, Fast Response Time
SPX29500/01/02/03
DESCRIPTION
FEATURES
■ Adjustable Output Down to 1.25V
■ 1% Output Accuracy
■ Output Current of 5A
■ Low Dropout Voltage: 370mV @ 5A
■ Tight Line Regulation: 0.06%
■ Load Regulation: 0.2%
■ Fast Transient Response
■ Reverse-Battery Protection
■ Current Limit and Thermal Protection
®
The SPX29500/01/02/03 are 5A highly accurate voltage regulators with a low dropout voltage of 370mV
@ 5A. These regulators are specifically designed for low voltage applications that require a low dropout
voltage and a fast transient response. They are fully fault protected against over-current, reverse
battery, and positive and negative voltage transients. On-Chip trimming adjusts the reference voltage
to 1% initial accuracy. Other features in the 5 pin versions include Enable, and Error Flag.
The SPX29500/01/02/03 are offered in 3 & 5-pin TO-220 & TO-263 packages. For a 1.5A version, refer
to the SPX29150 data sheet. For a 3A version, refer to the SPX29300 datasheet.
APPLICATIONS
■ Powering VGA & Sound Card
■ Power PC™ Supplies
■ SMPS Post Regulator
■ High Efficiency “Green” Computer
Systems
■ High Efficiency Linear Power Supplies
■ Constant Current Regulators
■ Adjustable Power Supplies
■ Battery Charger
Figure 1. Fixed Output Linear Regulator
Figure 2. Adjustable Output Linear Regulator
SPX29502
V
OUT
V
IN
GND
ADJ
1
2
3
4
5
R1
R2
6.8µF
++
22µF
SPX29500
V
OUT
V
IN
6.8µF
+
+
22µF
1
2
3
TYPICAL APPLICATION CIRCUITS
12
3
SPX29502
5 Pin TO-263
GND V
OUT
V
IN
3
2
1
SP29500
3 Pin TO-220


Similar Part No. - SPX29503T5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29503T5-L EXAR-SPX29503T5-L Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29503T5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com