Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC142C8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC142C8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC142C8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC142C8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC142C8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC142C8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC142C8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE CORPORATION
12 - 15
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
-20
-15
-10
-5
0
2
3
4
5
6
7
8
9
10 11 12 13 14 15
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
3
4
5
6
7
8
9
10 11
12 13
14 15
FREQUENCY (GHz)
RF/IF
LO/IF
LO/RF
Conversion Loss
Isolation
-15
-12.5
-10
-7.5
-5
2
3
4
5
6
7
8
9
10 11 12 13 14 15
FREQUENCY (GHz)
+17 dBm
+15 dBm
+13 dBm
+10 dBm
Return Loss
Distortion and 1dB
Compression vs. LO Drive Level
v02.0302
HMC142C8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 6 - 15 GHz
-60
-50
-40
-30
-20
2
3
4
5
6
7
8
9
10 11 12 13 14 15
FREQUENCY (GHz)
+17 dBm
+15 dBm
+13dBm
+10 dBm
-25
-20
-15
-10
-5
0
23456789
10 11 12 13 14 15
FREQUENCY (GHz)
LO
RF
IF
Conversion Loss vs. LO Drive Level
Isolation vs. LO Drive Level
Distortion
LO
Drive
RF (f1)= 11.01 GHz
RF (f2)= 11.00 GHz
LO= 11.5 GHz
RF Level= 0 dBm
1 dB
Compression
(dBm)
IP3 (dBm)
IP2 (dBm)
P1dB (dBm)
+13
18
42
7
+15
21
45
10
+17
21
45
10


Similar Part No. - HMC142C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC142C8 HITTITE-HMC142C8 Datasheet
263Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC142C8 HITTITE-HMC142C8_08 Datasheet
263Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
More results

Similar Description - HMC142C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC141C8 HITTITE-HMC141C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC218MS8 HITTITE-HMC218MS8_08 Datasheet
176Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC170C8 HITTITE-HMC170C8_06 Datasheet
180Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 2.5 - 4 GHz
HMC171C8 HITTITE-HMC171C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 7 - 10 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com