Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29153T5 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX29153T5
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29153T5 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX29153T5 Datasheet HTML 1Page - Sipex Corporation SPX29153T5 Datasheet HTML 2Page - Sipex Corporation SPX29153T5 Datasheet HTML 3Page - Sipex Corporation SPX29153T5 Datasheet HTML 4Page - Sipex Corporation SPX29153T5 Datasheet HTML 5Page - Sipex Corporation SPX29153T5 Datasheet HTML 6Page - Sipex Corporation SPX29153T5 Datasheet HTML 7Page - Sipex Corporation SPX29153T5 Datasheet HTML 8Page - Sipex Corporation SPX29153T5 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Date:5/25/04
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (soldering, 5 seconds)
................260°C
Storage Temperature Range........................-65°C to +150°C
Operating Junction Temperature Range......-40°C to +125°C
Input Voltage (Note 7) .................................................... 16V
at V
IN=VOUT + 1V and IOUT = 10mA, CIN = 6.8µF, COUT = 10µF, TA = 25°C, unless otherwise specified. The Boldface applies
over the junction temperature range. Adjustable versions are set to 5.0V.
SPX29150/51
PARAMETER
CONDITIONS
TYP
MIN
MAX
UNITS
Fixed Voltage Options
1.8V Version
Output Voltage
I
OUT = 10mA
1.8
1.782
1.818
V
10mA
≤ I
OUT ≤ 1.5A, 2.5V ≤ VIN ≤ 16V
1.8
1.764
1.836
2.5V Version
Output Voltage
I
OUT = 10mA
2.5
2.475
2.525
V
10mA
≤ I
OUT ≤ 1.5A, 3.5V ≤ VIN ≤ 16V
2.5
2.450
2.550
3.3V Version
Output Voltage
I
OUT = 10mA
3.3
3.267
3.333
V
10mA
≤ I
OUT ≤ 1.5A, 4.3V ≤ VIN ≤ 16V
3.3
3.234
3.366
5.0V Version
Output Voltage
I
OUT = 10mA
5.0
4.950
5.050
V
10mA
≤ I
OUT ≤ 1.5A, 6.0V ≤ VIN ≤ 16V
5.0
4.900
5.100
All Voltage Options
SPX29150/51/52/53
Line Regulation
I
OUT=10mA,(VOUT+1V) ≤ VIN ≤ 16V
0.1
0.5
%
Load Regulation
V
IN=VOUT+1V, 10mA≤ IOUT ≤ IFULLLOAD
0.2
1
%
∆V/∆TV
OUT Temp Coefficient
13
100
ppm/
°C
Dropout Voltage
I
OUT=100mA
70
200
mV
(Note 1, except 1.8V)
I
OUT=750mA
230
I
OUT=1.5A
390
600
Ground Current
I
OUT=750mA, VIN=VOUT+1V
12
25
mA
(Note 3)
I
OUT=1.5A
45
Ground Pin Current
V
IN=0.1V less than specified VOUT,
0.9
mA
at Dropout
I
OUT=10mA
Current Limit
V
OUT=0V (Note 2)
2.2
1.7
A
Output Noise Voltage
C
L=10µF
400
µV
RMS
(10Hz to 100kHz)
I
L=100mA
C
L=33µF
260
Reference Voltage
Adjustable version only
1.240
1.228
1.252
V
1.215
1.265
Reference Voltage
Adjustable version only (Note 8)
1.203
1.277
Adjust Pin Bias Current
40
80
nA
120
Reference Voltage
(Note 4)
13
ppm/
°C
Temp. Coeff.
Adjust Pin Bias
0.1
nA/
°C
Current Temp. Coeff.
ELECTRICAL CHARACTERISTICS


Similar Part No. - SPX29153T5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29153T5 SIPEX-SPX29153T5 Datasheet
665Kb / 13P
   1.5A Low Dropout Voltage Regulator
SPX29153T5/TR SIPEX-SPX29153T5/TR Datasheet
665Kb / 13P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29153T5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com