Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4152GM1-AB-T1 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW4152GM1-AB-T1
Description  Switching Regulator IC for Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152GM1-AB-T1 Datasheet(HTML) 3 Page - New Japan Radio

  NJW4152GM1-AB-T1 Datasheet HTML 1Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 2Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 3Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 4Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 5Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 6Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 7Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 8Page - New Japan Radio NJW4152GM1-AB-T1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NJW4152
- 3 -
Ver.2015-11-10
ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Supply Voltage
(V+ pin, PV+ pin)
V+
+45
V
PV+- SW pin Voltage
VPV-SW
+45
V
IN- pin Voltage
VIN-
-0.3 to +6
V
ON/OFF pin Voltage
VON/OFF
+45
V
Power Dissipation
PD
HSOP8
790 (*1)
mW
2,500 (*2)
MSOP8(VSP8)
595 (*3)
805 (*4)
Junction Temperature Range
Tj
-40 to +150
C
Operating Temperature Range
Topr
-40 to +85
C
Storage Temperature Range
Tstg
-40 to +150
C
(*1): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers)
(*2): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers)
(For 4Layers: Applying 74.2×74.2mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5)
(*3): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers)
(*4): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers),
internal Cu area: 74.2×74.2mm
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V+
4.6
40
V
Output Current (*5)
A version
IOUT
1.0
A
B version
0.6
A
Timing Resistor
RT
18
27
68
k
Oscillating Frequency
fosc
300
700
1,000
kHz
(*5): At Static Status


Similar Part No. - NJW4152GM1-AB-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4152GM1-AB-T1 NJRC-NJW4152GM1-AB-T1 Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-AB-T1 NJRC-NJW4152GM1-AB-T1 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-AB-T1 NJRC-NJW4152GM1-AB-T1 Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4152GM1-AB-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com