Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4152GM1-A-T1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW4152GM1-A-T1
Description  Switching Regulator IC for Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152GM1-A-T1 Datasheet(HTML) 1 Page - New Japan Radio

  NJW4152GM1-A-T1 Datasheet HTML 1Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 2Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 3Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 4Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 5Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 6Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 7Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 8Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
NJW4152-AB
- 1 -
Ver.2015-11-10
Switching Regulator IC for Buck Converter
w/ 40V/1A MOSFET
GENERAL DESCRIPTION
■ PACKAGE OUTLINE
FEATURES
Maximum Rating Input Voltage
45V
Wide Operating Voltage Range
3.6V to 40V @AB version
Switching Current
1.4A(min.) @AB version
PWM Control
Wide Oscillating Frequency
300kHz to 1MHz
Soft Start Function
4ms typ.
UVLO (Under Voltage Lockout)
Over Current Protection / Thermal Shutdown Protection
Standby Function
Package Outline
NJW4152GM1: HSOP8
PRODUCT CLASSIFICATION
Part Number
Version
Output
Current
Switching
Current Limit
(MIN.)
Operating
Voltage
Package
Operating
Temperature Range
NJW4152GM1-A
A
1.0A
1.4A
4.6 to 40V
HSOP8
General Spec.
-40 to +85 C
NJW4152GM1-A-T
A
1.0A
1.4A
4.6 to 40V
HSOP8
Automotive T Spec.
-40 to +105 C
NJW4152GM1-A-T1
A
1.0A
1.4A
4.6 to 40V
HSOP8
Automotive T1 Spec.
-40 to +125 C
NJW4152GM1-AB
AB
1.0A
1.4A
3.6 to 40V
HSOP8
General Spec.
-40 to +85 C
NJW4152GM1-AB-T1
AB
1.0A
1.4A
3.6 to 40V
HSOP8
Automotive T1 Spec.
-40 to +125 C
NJW4152R-B
B
600mA
0.8A
4.6 to 40V
MSOP8
(VSP8)
General Spec.
-40 to +85 C
NJW4152R-BA-Z
BA
600mA
0.8A
4.4 to 40V
MSOP8
(VSP8)
Automotive Z Spec.
-40 to +125 C
This data sheet is applied to "NJW4152GM1-AB".
Please refer to each data sheet for other versions.
The NJW4152 is a buck converter with 40V/1A MOSFET. It corresponds
to high oscillating frequency, and Low ESR Output Capacitor (MLCC) within
wide input range from 3.6V to 40V. Therefore, the NJW4152 can realize
downsizing of an application with a few external parts.
Also, it has a soft start function, an over current protection and a thermal
shutdown circuit. Moreover there is an automotive for extended operating
temperature range version.
It is suitable for logic voltage generation from high voltage that Car
Accessory, Office Automation Equipment, Industrial Instrument and so on.
NJW4152GM1-AB


Similar Part No. - NJW4152GM1-A-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4152GM1-A-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com