Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4152GM1-A-T1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4152GM1-A-T1
Description  Switching Regulator IC for Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152GM1-A-T1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4152GM1-A-T1 Datasheet HTML 3Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 4Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 5Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 6Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 7Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 8Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 9Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 10Page - New Japan Radio NJW4152GM1-A-T1 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NJW4152
- 7 -
Ver.2015-11-10
■ CHARACTERISTICS
660
680
700
720
740
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Oscillator Frequency vs. Temperature
(V
+=12V, R
T
=27k )
0.79
0.795
0.8
0.805
0.81
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Reference Voltage vs. Temperature
(V+=12V)
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Limited Switching Current vs. Temperature
(A ver.)
V+=12V
V
+=40V
V+=4.5V
0.6
0.8
1
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Limited Switching Current vs. Temperature
(B ver.)
V+=12V
V+=40V
V+=4.5V
0
0.1
0.2
0.3
0.4
0.5
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Output ON Resistance vs.Temperature
(A ver., I
SW
=1A)
V+=12V,40V
V+=4.5V
0
0.1
0.2
0.3
0.4
0.5
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Output ON Resistance vs.Temperature
(B ver., I
SW
=0.6A)
V+=12V,40V
V+=4.5V


Similar Part No. - NJW4152GM1-A-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4152GM1-A-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com