Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819R2-1.2 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX3819R2-1.2
Description  500mA, Low-Noise LDO Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819R2-1.2 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX3819R2-1.2 Datasheet HTML 1Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 2Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 3Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 4Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 5Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 6Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 7Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 8Page - Sipex Corporation SPX3819R2-1.2 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date:6/8/2004
SPX3819 500mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
Power Dissipation ...................................................... Internally Limited
Lead Temp. (Soldering, 5 Seconds) ........................................... 260°C
Operating Junction Temperature Range ................... -40°C to +125°C
Input Supply Voltage ........................................................ -20V to +20V
Enable Input Voltage ........................................................ -20V to +20V
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Output Voltage Tolerance
-1
+1
%
-2
+2
Output Voltage Temperature Coef.
57
ppm/°C
Line Regulation
0.04
0.1
%/V
VIN=VOUT + 1V to 16V
Load Regulation
0.05
0.4
%
IL = 0.1mA to 500mA
Dropout Voltage
10
60
mV
IL = 100µA
(VIN-VO)(Note 2)
80
125
175
mV
IL = 50mA
250
180
350
mV
IL = 150mA
450
340
550
mV
IL = 500mA
700
Quiescent Current (IGND)0.05
3
µAVENABLE ≤ 0.4V
8
VENABLE ≤ 0.25V
Ground Pin Current (IGND)90
150
µAIL = 100µA
190
250
650
µAIL = 50mA
900
1.0
2.0
mA
IL = 150mA
2.5
6.5
25.0
mA
IL = 500mA
30.0
Ripple Rejection (PSRR)
70
dB
Current Limit (ILIMIT)
800
mA
VOUT = 0V
950
Output Noise (eNO)
300
µVRMS
IL=10mA, CL=1.0µF, CIN=1µF,
(10Hz-100kHz)
40
µVRMS
IL=10mA, CL=10µF, CBYP =1µF,
CIN =1µF, (10Hz-100kHz)
Input Voltage Level Logic Low (VIL)0.4
V
OFF
Input Voltage Level Logic High (VIH)2
V
ON
ENABLE Input Current
0.01
2
µAVIL ≤ 0.4V
320
VIH ≥ 2.0V
Thermal Resistance (Note 1)
220
°C/W
SOT-23-5 / Junction to Ambient
180
°C/W
SO-8 / Junction to Ambient
ELECTRICAL CHARACTERISTICS
TJ=25°C, VOUT + 1V, for 1.2V Option VIN=VOUT + 1.2V IL=100µA, CL=1µF, and VENABLE ≥ 2.4V. The denotes the
specifications which apply over full operating temperature range -40
°C to +85°C, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
NOTES
Note 1: The maximum allowable power dissipation is a function of maximum operating junction temperature, TJ(max) the junction to ambient thermal
resistance, and the ambient θJA, and the ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is
given: PD(max) = (TJ(max)-TA)/θJA, exceeding the maximum allowable power limit will result in excessive die temperature; thus, the regulator will
go into thermal shutdown. The θJA of the SPX3819 is 220°C/W mounted on a PC board.
Note 2: Not applicable to output voltage 2V or less.
Input Voltage ................................................................... +2.5V to+16V
Operating Junction Temperature Range ................... -40°C to +125°C
Enable Input Voltage .............................................................. 0V to V
IN
RECOMMENDED OPERATIONG CONDITIONS


Similar Part No. - SPX3819R2-1.2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819R2-1-2 SIPEX-SPX3819R2-1-2 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819R2-1-2/TR SIPEX-SPX3819R2-1-2/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3819R2-1.2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com