Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP240J Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP240J
Description  Normally opened (1-Form-A)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240J Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP240J Datasheet HTML 3Page - Toshiba Semiconductor TLP240J Datasheet HTML 4Page - Toshiba Semiconductor TLP240J Datasheet HTML 5Page - Toshiba Semiconductor TLP240J Datasheet HTML 6Page - Toshiba Semiconductor TLP240J Datasheet HTML 7Page - Toshiba Semiconductor TLP240J Datasheet HTML 8Page - Toshiba Semiconductor TLP240J Datasheet HTML 9Page - Toshiba Semiconductor TLP240J Datasheet HTML 10Page - Toshiba Semiconductor TLP240J Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TLP240J,TLP240JF
7
15.
15.
15.
15. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
15.1.
15.1.
15.1.
15.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow.
The soldering temperature profile is based on the package surface temperature.
(See the figure shown below, which is based on the package surface temperature.)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 15.1.1
15.1.1
15.1.1
15.1.1 An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
An Example of a Temperature Profile When Lead(Pb)-Free Solder Is Used
When using soldering flow
Preheat the device at a temperature of 150  (package surface temperature) for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350 
Heating by soldering iron must be done only once per lead.
15.2.
15.2.
15.2.
15.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45 % to 75 %,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2016-01-08
Rev.4.0
©2016 Toshiba Corporation


Similar Part No. - TLP240J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
   IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
   Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP240J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3106 TOSHIBA-TLP3106 Datasheet
193Kb / 9P
   Normally opened (1-Form-A)
TLP222D TOSHIBA-TLP222D Datasheet
218Kb / 8P
   Normally opened (1-Form-A)
TLP3303 TOSHIBA-TLP3303 Datasheet
174Kb / 7P
   Normally off (1-Form-A)
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
   Normally open (1-Form-A)
TLP3546 TOSHIBA-TLP3546 Datasheet
172Kb / 9P
   Normally off (1-Form-A)
TLP3107 TOSHIBA-TLP3107 Datasheet
205Kb / 9P
   Normally off (1-Form-A)
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
   Normally open (1-Form-A)
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
   Normally open (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
   Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
   Normally open (1-Form-A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com