Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP222G-2 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP222G-2
Description  Cordless Telephones PBX Modems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP222G-2 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP222G-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP222G-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP222G-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP222G-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP222G-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP222G-2 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP222G,TLP222G-2
2014-09-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 120 mA
1
3
mA
Return LED current
IFC
IOFF = 100 μA
0.1
mA
On-state resistance
RON
ION = 120 mA, IF = 5 mA, t < 1 s
25
35
Ω
ION = 120 mA, IF = 5 mA, continuous
35
50
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
× 10
10
10
14
Ω
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
AC, 1 second, in oil
5000
DC, 1 minute, in oil
5000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
RL = 200 Ω
VDD = 20 V, IF = 5 mA
(Note 3)
0.3
1
ms
Turn-off time
tOFF
0.1
1
Note 3: Switching time test circuit
tOFF
tON
10%
90%
VOUT
IF
4
1
VDD
VOUT
RL
3
2
IF
TLP222G
8
1
VDD
VOUT
RL
7
2
IF
TLP222G-2


Similar Part No. - TLP222G-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
TLP222G-2 TOSHIBA-TLP222G-2 Datasheet
189Kb / 6P
   Cordless Telephones
More results

Similar Description - TLP222G-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
   Telecommunications PBX Modems
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
   Modems PBX Telecommunications
TLP592G TOSHIBA-TLP592G Datasheet
133Kb / 6P
   Telecommunications PBX Modems
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
Toshiba Semiconductor
TLP597GA TOSHIBA-TLP597GA_14 Datasheet
224Kb / 6P
   Cordless Telephone PBX Modem
TLP797GA TOSHIBA-TLP797GA_14 Datasheet
136Kb / 5P
   Cordless Telephone PBX MODEM
TLP597G TOSHIBA-TLP597G_14 Datasheet
210Kb / 6P
   Cordless Telephone PBX Modem
TLP227A TOSHIBA-TLP227A Datasheet
133Kb / 6P
   CORDLESS TELEPHONE PBX MODEM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com