Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4131R-B Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4131R-B
Description  Switching Regulator IC for Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4131R-B Datasheet(HTML) 4 Page - New Japan Radio

  NJW4131R-B Datasheet HTML 1Page - New Japan Radio NJW4131R-B Datasheet HTML 2Page - New Japan Radio NJW4131R-B Datasheet HTML 3Page - New Japan Radio NJW4131R-B Datasheet HTML 4Page - New Japan Radio NJW4131R-B Datasheet HTML 5Page - New Japan Radio NJW4131R-B Datasheet HTML 6Page - New Japan Radio NJW4131R-B Datasheet HTML 7Page - New Japan Radio NJW4131R-B Datasheet HTML 8Page - New Japan Radio NJW4131R-B Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NJW4131
- 4 -
Ver.2012-08-03
ELECTRICAL CHARACTERISTICS
(Unless other noted, V+=VON/OFF=12V, RT=27kΩ, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Under Voltage Lockout Block
ON Threshold Voltage
VT_ON
V+= L → H
3.8
3.9
4.0
V
OFF Threshold Voltage
VT_OFF
V+= H → L
3.7
3.8
3.9
V
Hysteresis Voltage
VHYS
60
100
mV
Soft Start Block
Soft Start Time
TSS
VB=0.95V
2
4
8
ms
Oscillator Block
Oscillation Frequency
fOSC
630
700
770
kHz
Oscillation Frequency
(Low Frequency Control)
fOSC_LOW
VIN-=0.4V, VFB=0.65V
270
kHz
RT pin Voltage
VRT
0.240
0.275
0.310
V
Oscillate Supply Voltage
Fluctuations
fDV
V+=4V to 35V
1
%
Oscillate Temperature
Fluctuations
fDT
Ta=-40
°C to +85°C
3
%
Error Amplifier Block
Reference Voltage
VB
-1.0%
1.00
+1.0%
V
Input Bias Current
IB
-0.1
+0.1
µA
Open Loop Gain
AV
80
dB
Gain Bandwidth
GB
0.6
MHz
Output Source Current
IOM+
VFB=1V, VIN-=0.9V
8
16
24
µA
Output Sink Current
IOM-
VFB=1V, VIN-=1.1V
1
2
4
mA
PWM Comparate Block
Maximum Duty Cycle
MAXDUTY
VIN-=0.9V
85
90
95
%
Output Block
A version, ISW=1A
0.2
0.4
Output ON Resistance
RON
B version, ISW=1A
0.2
0.4
A version
1.4
1.7
2.0
A
Switching Current Limit
ILIM
B version
1
1.35
1.7
A
Switching Leak Current
ILEAK
VON/OFF=0V, VSW=40V
1
µA
ON/OFF Block
ON Control Voltage
VON
VON/OFF= L → H
1.6
V+
V
OFF Control Voltage
VOFF
VON/OFF= H → L
0
0.5
V
Pull-down Resistance
RPD
400
k
General Characteristics
Quiescent Current
IDD
RL=no load, VIN-=0.9V, VFB=0.65V
2.3
2.8
mA
Standby Current
IDD_STB
VON/OFF=0V
1
µA


Similar Part No. - NJW4131R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4131R-B NJRC-NJW4131R-B Datasheet
239Kb / 20P
   Switching Regulator IC for Boost Converter
More results

Similar Description - NJW4131R-B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4132 NJRC-NJW4132 Datasheet
149Kb / 11P
   Switching Regulator IC for Boost Converter
NJW4140 NJRC-NJW4140 Datasheet
400Kb / 2P
   Switching Regulator IC for Boost Converter
NJW4131A NJRC-NJW4131A Datasheet
239Kb / 20P
   Switching Regulator IC for Boost Converter
NJW4141 NJRC-NJW4141 Datasheet
419Kb / 13P
   2 - phase Boost Converter Switching Regulator IC
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB Datasheet
327Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com