Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7650 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJU7650
Description  Step-Down switching regulator IC with Constant Current Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7650 Datasheet(HTML) 8 Page - New Japan Radio

  NJU7650 Datasheet HTML 1Page - New Japan Radio NJU7650 Datasheet HTML 2Page - New Japan Radio NJU7650 Datasheet HTML 3Page - New Japan Radio NJU7650 Datasheet HTML 4Page - New Japan Radio NJU7650 Datasheet HTML 5Page - New Japan Radio NJU7650 Datasheet HTML 6Page - New Japan Radio NJU7650 Datasheet HTML 7Page - New Japan Radio NJU7650 Datasheet HTML 8Page - New Japan Radio NJU7650 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJU7650
- 8 -
Ver.2012-08-03
■ TYPICAL CHARACTERISTICS
0.99
0.995
1
1.005
1.01
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Error Amplifier Block
Reference Voltage1 vs. Temperature
(V+=3.3V)
0.19
0.195
0.2
0.205
0.21
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Current Sense Amplifier Block
Reference Voltage2 vs. Temperature
(V+=3.3V)
640
660
680
700
720
740
760
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Oscillator Frequency vs. Temperature
(V+=3.3V, R
T
=47k
Ω)
8
10
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Soft Start Time vs. Temperature
(V+=3.3V)
1.86
1.9
1.94
1.98
2.02
2.06
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Under Voltage Lockout Block
vs. Temperature
V
T_OFF
V
T_ON
0
200
400
600
800
1000
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Quiescent Current vs. Temperature
(V+=3.3V, R
T
=47k
Ω)


Similar Part No. - NJU7650

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600M NJRC-NJU7600M Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7600RB1 NJRC-NJU7600RB1 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7601 NJRC-NJU7601 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
NJU7602 NJRC-NJU7602 Datasheet
110Kb / 9P
   PWM control Step-Up / Flyback switching regulator IC
More results

Similar Description - NJU7650

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
1Mb / 2P
   Step-Down Switching Regulator with Current-Mode Control
logo
New Japan Radio
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
NJM2309 NJRC-NJM2309 Datasheet
131Kb / 7P
   Switching Regulator Control IC for Step-Down
NJU7640 NJRC-NJU7640 Datasheet
172Kb / 10P
   Step-Down switching regulator IC with Over Current Protection
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Sanken electric
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
   Current Mode Control Step-down Switching Mode Regulator ICs
logo
New Japan Radio
NJU7632 NJRC-NJU7632 Datasheet
174Kb / 9P
   Step-Down switching regulator IC with standby function
logo
Shenzhen Huazhimei Semi...
HM9922 HMSEMI-HM9922 Datasheet
494Kb / 7P
   Switching step-down LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com