Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7295F1-D-T Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU7295F1-D-T
Description  SYSTEM RESET IC WITH DELAY CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7295F1-D-T Datasheet(HTML) 1 Page - New Japan Radio

  NJU7295F1-D-T Datasheet HTML 1Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 2Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 3Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 4Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 5Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 6Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 7Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 8Page - New Japan Radio NJU7295F1-D-T Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NJU7295
- 1 -
Ver.2015-11-11
SYSTEM RESET IC WITH DELAY CIRCUIT
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJU7295 is a system reset IC with built-in delay circuit that
monitors the status of a power line, and outputs a reset signal to
the microcomputer.
The NJU7295 outputs a reset signal when exceeds the detection
voltage. Therefore it is possible to control the microcomputer by
detecting a rising edge of a power line.
Delay times are fixed internally and those are set in each of rising
and falling.
It is possible to monitor multiplex power line by combination of
NJU7295 because output voltage VOUT is kept High level when
EXT Pin is Low level by connecting with other NJU7295.
Detection voltage’s default value is 1.0V. It can be adjusted to
desired voltage by the resistor divider.
In addition, a hysteresis voltage can be set arbitrarily by inserting a
resistor between the VIN pin and the HYS pin.
■ FEATURES
● High Precision Detection Voltage
1.0% (Ta=25 C)
● Detection Voltage
1.0V (default) and adjustable with external resistor
● Reset Output Logic
Reset Low output when VIN pin is detection voltage or more
*If required reset low output when VIN pin is detection voltage or below, see the
NJU7296.
● Delay Circuit (Internal Fixed type)
Rising / Falling independent setting
● Ultra Low Quiescent Current
1.7µA typ.
● Supply Voltage Range
1.5 to 5.5V
● External Input Pin
While inputting low signal, keep output High level
● Adjustable Hysteresis Voltage
● Output Type
CMOS output
● Package
SOT-23-6-1
■ PIN CONFIGURATION
NJU7295F1
Pin Function
1. VIN
Input Voltage Pin
2. VSS
Ground Pin
3. EXT
External Input Pin
4. VDD
Supply Voltage Pin
5. VOUT :Output Pin
6. HYS :External Resistor Pin for setting Hysteresis Voltage
1
6
4
2
3
5
VIN
VSS
EXT
HYS
VDD
VOUT


Similar Part No. - NJU7295F1-D-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
NJU7296 NJRC-NJU7296 Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7296F1-A NJRC-NJU7296F1-A Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7296F1-B NJRC-NJU7296F1-B Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7296F1-C NJRC-NJU7296F1-C Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
More results

Similar Description - NJU7295F1-D-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7296 NJRC-NJU7296 Datasheet
291Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
logo
Mitsumi Electronics, Co...
PST89XA MITSUMI-PST89XA Datasheet
198Kb / 14P
   System Reset IC with delay
PST89XB MITSUMI-PST89XB Datasheet
144Kb / 17P
   System Reset IC with delay
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
PST803 MITSUMI-PST803 Datasheet
108Kb / 11P
   System Reset IC built-in delay time circuit
PST87XX MITSUMI-PST87XX Datasheet
97Kb / 15P
   CMOS System Reset IC built-in delay time circuit
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
   Reset Circuit with Adjustable Delay
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com