Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7287 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU7287
Description  Battery Backup Switching IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7287 Datasheet(HTML) 3 Page - New Japan Radio

  NJU7287 Datasheet HTML 1Page - New Japan Radio NJU7287 Datasheet HTML 2Page - New Japan Radio NJU7287 Datasheet HTML 3Page - New Japan Radio NJU7287 Datasheet HTML 4Page - New Japan Radio NJU7287 Datasheet HTML 5Page - New Japan Radio NJU7287 Datasheet HTML 6Page - New Japan Radio NJU7287 Datasheet HTML 7Page - New Japan Radio NJU7287 Datasheet HTML 8Page - New Japan Radio NJU7287 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NJU7287
- 3 -
Ver.2012-07-18
ELECTRICAL CHARACTERISTICS
NJU7287A
(CIN=0.1µF, CO(VOUT)=10µF, CO(VRO)=10µF, CO(VCH)=10µF, Ta=25˚C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Total
ISS1
VIN =3.6V, No-Load
-
5.5
13
µA
IBAT1
VIN =3.6V, VBAT=3.0V, No-Load
-
-
0.1
µA
Quiescent Current
IBAT2
VIN=OPEN,VBAT=3.0V, No-Load
-
1.0
2.1
µA
Backup Power Supply
Input Voltage
VBAT
2.0
-
4.0
V
Voltage Regulator 1
Output Voltage 1
VRO
VIN=7.2V, IRO=3mA
2.94
3.00
3.06
V
Dropout Voltage 1
VI-O1
IRO=3mA
-
30
60
mV
Load Regulation 1A
VROA/IRO
VIN=7.2V, IRO=0.1 to 30mA
-
0.06
0.15
%/mA
Load Regulation 1B
VROB/IRO
VIN=3.6V, IRO=0.1 to 30mA
-
0.06
0.15
%/mA
Line Regulation 1
VRO/VIN
VIN=4 to 9V, IRO=3mA
-
-
0.2
%/V
Average Temperature
Coefficient of Output
Voltage 1
VRO/T
Ta=0
to +85°C
-
±
100
-
ppm/
°C
Voltage Regulator 2
Output Voltage 2
VOUT
VIN=7.2V, IOUT=23mA
2.94
3.00
3.06
V
Dropout Voltage 2
VI-O2
IOUT=23mA
-
150
300
mV
Load Regulation 2A
VOUTA/IOUT
VIN=7.2V, IOUT=0.1 to 60mA
-
0.04
0.10
%/mA
Load Regulation 2B
VOUTB/OUT
VIN=3.6V, IOUT=0.1 to 60mA
-
0.04
0.10
%/mA
Line Regulation 2
VOUT/VIN
VIN=4 to 9V, IOUT=23mA
-
-
0.2
%/V
Average Temperature
Coefficient of Output
Voltage 2
VOUT/T
Ta=0
to +85°C
-
±
100
-
ppm/
°C
Voltage Regulator 3
Output Voltage 3
VOUT
VIN=7.2V, IOUT=3mA
3.038
3.100
3.162
V
Dropout Voltage 3
VI-O3
IOUT=3mA
-
30
60
mV
Load Regulation 3A
VOUTA/IOUT
VIN=7.2V, IOUT=0.1 to 30mA
-
0.06
0.15
%/mA
Load Regulation 3B
VOUTB/OUT
VIN=3.6V, IOUT=0.1 to 30mA
-
0.06
0.15
%/mA
Line Regulation 3
VOUT/VIN
VIN=4 to 9V, IOUT=3mA
-
-
0.2
%/V
Average Temperature
Coefficient of Output
Voltage 3
VOUT/T
Ta=0
to +85°C
-
±
100
-
ppm/
°C
CS Voltage Detector
Detection Voltage 1
-VDET1
VINVoltage Detection
3.920
4.000
4.080
V
Release Voltage 1
+VDET1
4.030
4.129
4.228
V
Average Temperature
Coefficient of Detection
Voltage 1
VDET1/T
Ta=0
to +85°C
-
±
100
-
ppm/°C
Output Current 1
ISINK1
VDS=0.5V, VIN=VBAT=2.0V
1.50
2.30
-
mA
Leak Current 1
ILEAK1
VDS=9V, VIN=9V
-
-
0.1
µA
Operation Voltage 1
VOPR1
VINor VBAT
1.7
-
9.0
V


Similar Part No. - NJU7287

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286A NJRC-NJU7286A Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286B NJRC-NJU7286B Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286C NJRC-NJU7286C Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286D NJRC-NJU7286D Datasheet
296Kb / 17P
   Battery Backup Switching IC
More results

Similar Description - NJU7287

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com