Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2940T-5.0 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2940T-5.0
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2940T-5.0 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2940T-5.0 Datasheet HTML 1Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 2Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2940T-5.0 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 5/25/04
SPX2940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Figure 2. Line Regulation
Figure 3. Load Regulation
Figure 4. Ground Current vs Load Current
Figure 5. Ground Current vs Input Voltage
Reference
Thermal
Shutdown
IN
OUT
GND
O.V
I
LIMIT
28V
R1
R2
1.240V
+
-
Ibias
BLOCK DIAGRAM
3.320
3.315
3.310
3.305
3.300
3.295
3.290
3.285
3.280
46
8
10
12
14
16
VIN (V)
3.3V Device
IL = 10mA
CL = 10µF
3.310
3.305
3.300
3.295
3.290
3.285
3.280
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
VIN = 4.3V
CL = 10µF
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
IL (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
3.3V Device
VIN = 4.3V
CL = 10µF
300
280
260
240
220
200
180
46
8
10
12
14
16
VIN (V)
3.3V Device
IL = 10mA
CL = 10µF
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - SPX2940T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX2940T-L-5-0/TR EXAR-SPX2940T-L-5-0/TR Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0/TR SIPEX-SPX2940T-L-5-0/TR Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
More results

Similar Description - SPX2940T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com