Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3340 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3340
Description  OFF-state output terminal voltage - 40 V (min)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3340 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3340 Datasheet HTML 1Page - Toshiba Semiconductor TLP3340 Datasheet HTML 2Page - Toshiba Semiconductor TLP3340 Datasheet HTML 3Page - Toshiba Semiconductor TLP3340 Datasheet HTML 4Page - Toshiba Semiconductor TLP3340 Datasheet HTML 5Page - Toshiba Semiconductor TLP3340 Datasheet HTML 6Page - Toshiba Semiconductor TLP3340 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3340
1
Photocouplers Photorelay
TLP3340
TLP3340
TLP3340
TLP3340
1.
1.
1.
1. Applications
Applications
Applications
Applications
High-Speed Memory Testers
High-Speed Logic IC Testers
Radio-Frequency Measuring Instruments
ATE (Automatic Test Equipment)
2.
2.
2.
2. General
General
General
General
The TLP3340 is a photorelay in a 4-pin USOP that consists of a photo MOSFET optically coupled with an infrared
light emitting diode. The TLP3340 features low output capacitance, COFF, and thus fast on/off switching of a
high-frequency signal, making it ideal for switching applications in high-speed testers.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally off (1-Form-A)
(2)
OFF-state output terminal voltage: 40 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 120 mA (max)
(5)
ON-state resistance: 12 Ω (typ.), 14 Ω (max)
(6)
OFF-state Capacitance: 0.45 pF (typ.), 0.8 pF (max)
(7)
Isolation voltage: 500 Vrms (min)
(8)
Safety standards
UL-under application: UL1577 File No.E67349
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
1: Anode
2: Cathode
3: Drain
4: Drain
11-2C1S
2011-12-09
Rev.1.0


Similar Part No. - TLP3340

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
More results

Similar Description - TLP3340

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3342 TOSHIBA-TLP3342 Datasheet
176Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3341 TOSHIBA-TLP3341 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 40 V (min)
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
TLP3330 TOSHIBA-TLP3330 Datasheet
197Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3350 TOSHIBA-TLP3350 Datasheet
174Kb / 7P
   OFF-state output terminal voltage - 20 V (min)
TLP3320 TOSHIBA-TLP3320 Datasheet
205Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
TLP3375 TOSHIBA-TLP3375 Datasheet
186Kb / 8P
   OFF-state output terminal voltage - 50 V (min)
TLP3351 TOSHIBA-TLP3351 Datasheet
173Kb / 7P
   OFF-state output terminal voltage - 60 V (min)
TLP240G TOSHIBA-TLP240G Datasheet
412Kb / 17P
   OFF-state output terminal voltage - 350 V (min)
TLP3556 TOSHIBA-TLP3556 Datasheet
161Kb / 7P
   OFF-state output terminal voltage - 100 V (min)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com