Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2945T-5.0 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2945T-5.0
Description  400mA Low Dropout Voltage Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945T-5.0 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2945T-5.0 Datasheet HTML 1Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 2Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Rev. B Date:01/20/04
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Error Detection Comparator Output
The Comparator produces a logic low output
whenever the SPX2945 output falls out of regu-
lation by more than around 5%. This is around
60mV offset divided by the 1.235 reference
voltage.
This trip level remains 5% below
normal regardless of the programmed output
voltage of the regulator. Figure 1 shows the
timing diagram depicting the ERROR signal
and the regulator output voltage as the SPX2945
input is ramped up and down. The ERROR
signal becomes low at around 1.3V input, and
goes high around 5V input (input voltage at
which V
OUT = 4.75).
Since the SPX2945’s
dropout voltage is load dependent, the input
voltage trip point (around 5V) will vary with the
load current.
The output voltage trip point
(approx. 4.75V) does not vary with load.
The error comparator has an open-collector out-
put, which requires an external pull-up resistor.
Depending on the system requirements the re-
sistor may be returned to 5V output or other
supply voltage. In determining the value of this
resistor, note that the output is rated to sink
400
µA; this value adds to battery drain in a low
battery condition. Suggested values range from
100K to 1M
Ω. If the output is unused this
resistor is not required.
Programming the Output Voltage of
SPX2945
The SPX2945 may be pin-strapped for 5V or
3.3V using its internal voltage divider by tying
Pin 1 (output) to Pin 2 (sense) and Pin 7 (feed-
back) to Pin 6 (5V/3.3V Tap).
Also, it may be programmed for any output
voltage between its 1.235V reference and its
20V maximum rating. As seen in Figure 2, an
external pair of resistors is required.
Refer to the below equation for the program-
ming of the output voltage::
V
OUT = VREF x ( 1 + R1/ R2 )+ IFBR1
The V
REF is 1.235 and IFB is the feedback bias
current, nominally -20nA. The minimum rec-
ommended load current of 1
µA forces an upper
limit of 1.2 M
Ω on value of R
2.
If no load is
presented the I
FB produces an error of typically
2% in V
OUT, which may be eliminated at room
temperature by trimming R
1.
To improve the
accuracy choose the value of R
2 = 100k; this
reduces the error by 0.17% and increases the
resistor program current by 12
µA. Since the
SPX2945 typically draws 60
µA at no load with
Pin 2 open-circuited this is a small price to pay.
Reducing Output Noise
It may be an advantage to reduce the AC noise
present at the output. One way is to reduce the
regulator bandwidth by increasing the size of
the output capacitor. This is the only way that
noise can be reduced on the 3 lead SPX2945 but
is relatively inefficient, as increasing the ca-
pacitor from 1
µF to 220µF only decreases the
noise from 430
µV to 160µV Vrms for a 100kHz
bandwidth at 5V output. Noise could also be
reduced fourfold by a bypass capacitor across
R
1, since it reduces the high frequency gain from
4 to unity. Pick
C
BYPASS ≅1 / 2πR1 x 200 Hz
or choose 0.01
µF. When doing this, the output
capacitor must be increased to 3.3
µF to main-
tain stability. These changes reduce the output
noise from 430
µV to 100µV Vrms for a 100kHz
bandwidth at 5V output. With the bypass ca-
pacitor added, noise no longer scales with out-
put voltage so that improvements are more dra-
matic at higher output voltages.
+
+
+
+
4.75V
OUTPUT
VOLTAGE
ERROR*
_______
INPUT
VOLTAGE
1.3V
5.0V
* See Application Info.
Figure 1. ERROR Output Timing


Similar Part No. - SPX2945T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945T-5-0 SIPEX-SPX2945T-5-0 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945T-5-0TR SIPEX-SPX2945T-5-0TR Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
More results

Similar Description - SPX2945T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com