Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2945T-5.0 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX2945T-5.0
Description  400mA Low Dropout Voltage Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945T-5.0 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX2945T-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 9Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 10Page - Sipex Corporation SPX2945T-5.0 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Rev. B Date:01/20/04
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
.
o
N
g
n
i
r
e
d
r
Ok
r
a
M
p
o
Ty
c
a
r
u
c
c
Ae
g
a
t
l
o
V
t
u
p
t
u
Os
e
g
a
k
c
a
P
3
.
3
-
3
M
5
4
9
2
X
P
S
3
M
5
4
9
2
W
W
Y
Y
3
3
%
1V
3
.
3
3
2
2
-
T
O
S
n
i
P
-
3
0
.
5
-
3
M
5
4
9
2
X
P
S
3
M
5
4
9
2
W
W
Y
Y
0
5
%
1V
0
.
5
3
2
2
-
T
O
S
n
i
P
-
3
3
.
3
-
S
5
4
9
2
X
P
S
3
3
S
5
4
9
2
W
W
Y
Y
3
3
%
1V
3
.
3
C
I
O
S
n
i
P
-
8
0
.
5
-
S
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
C
I
O
S
n
i
P
-
8
3
.
3
-
R
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
4
0
5%
1V
3
.
3
2
5
2
-
O
T
n
i
P
-
3
0
.
5
-
R
5
4
9
2
X
P
S
R
5
4
9
2
X
P
S
W
W
Y
Y
%
1V
0
.
5
2
5
2
-
O
T
n
i
P
-
3
3
.
3
-
T
5
4
9
2
X
P
S
T
5
4
9
2
X
P
S
W
W
Y
Y
3
3%
1V
3
.
3
3
6
2
-
O
T
n
i
P
-
3
0
.
5
-
T
5
4
9
2
X
P
S
5
T
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
3
6
2
-
O
T
n
i
P
-
3
3
.
3
-
5
T
5
4
9
2
X
P
S
5
T
5
4
9
2
X
P
S
W
W
Y
Y
3
3%
1V
3
.
3
3
6
2
-
O
T
n
i
P
-
5
0
.
5
-
5
T
5
4
9
2
X
P
S
T
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
5
3
6
2
-
O
T
n
i
P
-
5
3
.
3
-
U
5
4
9
2
X
P
S
U
5
4
9
2
X
P
S
W
W
Y
Y
3
3
%
1V
3
.
3
0
2
2
-
O
T
n
i
P
-
3
0
.
5
-
U
5
4
9
2
X
P
S
U
5
4
9
2
X
P
S
W
W
Y
Y
0
5
%
1V
0
.
50
2
2
-
O
T
n
i
P
-
3
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600


Similar Part No. - SPX2945T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945T-5-0 SIPEX-SPX2945T-5-0 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945T-5-0TR SIPEX-SPX2945T-5-0TR Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
More results

Similar Description - SPX2945T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com