Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29500U-2.5 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX29500U-2.5
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29500U-2.5 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX29500U-2.5 Datasheet HTML 3Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 4Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 5Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 6Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 7Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 8Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 9Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 10Page - Sipex Corporation SPX29500U-2.5 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
10
PACKAGES: 5 PIN TO-220
5 Pin TO-220
SEATING
PLANE
α
A
A1
A2
C
D
e
E
φ P
e1
H1
Q
L
DIMENSIONS
in inches
SYMBOL
MIN
MAX
A
0.165
0.19
A1
0.045
0.055
A2
0.09
0.115
C
0.012
0.025
D
0.560
0.596
e
0.067 BSC
0.067 BSC
e1
0.268 REF
0.268 REF
E
0.385
0.415
H1
0.224
0.258
b
0.025
0.04
φ P
0.146
0.156
Q
0.103
0.113
L
0.54
0.56
α
7° typ
7° typ
b


Similar Part No. - SPX29500U-2.5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29500U-L-1-8 EXAR-SPX29500U-L-1-8 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500U-L-2-5 EXAR-SPX29500U-L-2-5 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500U-L-3-3 EXAR-SPX29500U-L-3-3 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500U-L-5-0 EXAR-SPX29500U-L-5-0 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29500U-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com