Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2954AT-5.0 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2954AT-5.0
Description  250mA Low Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2954AT-5.0 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX2954AT-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 9Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 10Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 11Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 12Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 13Page - Sipex Corporation SPX2954AT-5.0 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Rev. 3/6/03
SP2954 250mA Low Dropout Voltage Regulator
© Copyright 2003 Sipex Corporation
10
APPLICATIONS HINTS
100kΩ
SENSE
SD
V OUT
GND
+V IN
3
8
1
1µF
+
4
400kΩ
120kΩ
1.5kΩ
6V
SEALED
LEAD-
ACID
BATTERY
SOURCE
FB
FOR 5.5 V
+
1N457
2
20kΩ
NI-CAD
BACKUP
BATTERY
MEMORY V+
MAIN V+
SPX385
SPX2954
Figure 4. Low Battery Disconnect
Figure 5. Regulator with State of Charge Indicator
GND
4
3
5
8
2
1
7
6
S D
TAP
FB
+VIN
SENS E
VOUT
ERROR
______
RESET
100kΩ
1kΩ
100kΩ
10kΩ
20kΩ
1kΩ
39kΩ
39kΩ
C3
C1
C2
C4
1%
1%
1%
1%
6V
LEAD-
ACID
BATTERY
R3
<6.2V**
<5.8V**
<6.0V**
-
+
+
+
+
-
-
-
+V
O UT = 5V
1uF
+
* OPTIONAL LATCH OFF WHEN DRO POUT OCCURS. ADJUST R3 FOR C2 SWITCHING WHEN
V
IN IS 6.0V
* OUTPUTS GO LOW WHEN V
IN DRO PS BELOW DESGNATED THRESHHOLDS
SPX2954
100k
100kΩ


Similar Part No. - SPX2954AT-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954AT-5-0 SIPEX-SPX2954AT-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2954AT-5.0

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com