Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2967 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2967
Description  400mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2967 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2967 Datasheet HTML 1Page - Sipex Corporation SPX2967 Datasheet HTML 2Page - Sipex Corporation SPX2967 Datasheet HTML 3Page - Sipex Corporation SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Date: 8/23/04
SPX2967 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Pin 2, Inhibit:
E2 Enable function, active High
Pin 6, Hold
: E6 Hold and release function, active Low
TRUTH TABLE FOR TURN-ON/TURN -OFF LOGIC
,
2
n
i
P
t
i
b
i
h
n
I
,
6
n
i
P
d
l
o
H
V
Q
s
t
n
e
m
m
o
C
LX
F
F
Op
u
d
e
ll
u
p
y
ll
a
n
r
e
t
n
i
t
i
b
i
h
n
I
,
e
t
a
t
s
l
a
i
t
i
n
I
HX
N
Oe
l
p
m
a
x
e
r
o
f
n
o
i
t
i
n
g
i
y
b
,
t
i
b
i
h
n
I
a
i
v
n
o
d
e
h
c
t
i
w
s
r
o
t
a
l
u
g
e
R
HL
N
O
ll
i
t
s
s
i
t
i
b
i
h
n
I
e
li
h
w
r
e
ll
o
r
t
n
o
c
y
b
d
n
u
o
r
g
o
t
e
v
i
t
c
a
d
e
p
m
a
l
c
d
l
o
H
.
h
g
i
h
XL
N
Oe
t
a
t
s
g
n
i
d
l
o
h
-
f
l
e
s
:
f
f
o
t
u
h
s
s
i
n
o
i
t
i
n
g
i
n
e
v
e
,
s
n
i
a
m
e
r
e
t
a
t
s
s
u
o
i
v
e
r
P
LL
N
Oe
t
a
t
s
g
n
i
d
l
o
h
-
f
l
e
s
n
i
s
i
r
o
t
a
l
u
g
e
r
e
li
h
w
f
f
o
t
u
h
s
n
o
i
t
i
n
g
I
LH
F
F
O
s
n
i
a
m
e
r
t
i
b
i
h
n
I
e
li
h
w
d
l
o
H
f
o
g
n
i
s
a
e
l
e
r
y
b
n
w
o
d
t
u
h
s
r
o
t
a
l
u
g
e
R
-
f
l
e
s
l
a
n
r
e
t
x
e
y
b
d
e
r
i
u
q
e
r
g
n
i
p
m
a
l
c
e
v
i
t
c
a
o
N
.
e
t
a
t
s
l
a
n
i
f
,
w
o
L
e
t
a
t
s
-
f
f
o
n
i
r
o
t
a
l
u
g
e
r
p
e
e
k
o
t
)
C
µ
(
t
i
u
c
r
i
c
g
n
i
d
l
o
h
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
s
e
u
l
a
V
t
i
m
i
L
t
i
n
Us
e
t
o
N
.
n
i
m.
x
a
m
t
u
p
n
I
e
g
a
t
l
o
VV
I
2
4
-2
4V
-
e
g
a
t
l
o
VV
I
-0
6V
s
m
0
0
4
T
t
n
e
r
r
u
CI
I
--
-
d
e
t
i
m
i
L
y
ll
a
n
r
e
t
n
I
t
u
p
t
u
O
t
e
s
e
R
e
g
a
t
l
o
VV
O
R
3
.
0
-7
`
V-
t
n
e
r
r
u
CI
O
R
--
-
d
e
t
i
m
i
L
y
ll
a
n
r
e
t
n
I
y
a
l
e
D
t
e
s
e
R
e
g
a
t
l
o
VV
D
3
.
0
-2
4V
-
t
n
e
r
r
u
CV
D
--
-
-
t
u
p
t
u
O
e
g
a
t
l
o
VV
Q
3
.
0
-7
V
-
t
n
e
r
r
u
CI
Q
--
-
d
e
t
i
m
i
L
y
ll
a
n
r
e
t
n
I
t
i
b
i
h
n
I
e
g
a
t
l
o
VV
2
E
2
4
-2
4V
-
t
n
e
r
r
u
CI
2
E
5
-5
A
ms
m
0
0
4
t


Similar Part No. - SPX2967

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969S SIPEX-SPX2969S Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969S/TR SIPEX-SPX2969S/TR Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969S1/TR SIPEX-SPX2969S1/TR Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
SPX2969W1 SIPEX-SPX2969W1 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2967

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com