Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP176G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP176G
Description  Modems In PC Modem?묯ax Cards Telecommunications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP176G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP176G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP176G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP176G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP176G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP176G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP176G_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP176G_14 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP176G
2014-09-22
1
TOSHIBA Photocoupler GaAs Ired & Photo−MOS FET
TLP176G
Modems In PC
Modem−Fax Cards
Telecommunications
The TOSHIBA TLP176G consists of gallium arsenide infrared emitting
diode optically coupled to a photo−MOS FET in a SOP, which is suitable
for surface mount assembly.
The TLP176G is suitable for the modem applications which require space
savings.
• Peak off−state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On−state resistance: 35 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL recognized: UL1577, file No. E67349
• BSI approved
: BS EN60065: 2002, certificate No.8753
BS EN60950-1: 2002, certificate No.8754
• SEMKO approved: SS EN60065
SS EN60950
• Option(V4) type
TUV approved: DIN EN 60747-5-2
Certificate No.40009351
Pin Configuration (top view)
Schematic
1-Form-A
1. : Anode
2. : Cathode
3. : Drain
4. : Drain
2
3
4
1
1
2
3
4
1
2
3
4
Unit in mm
JEDEC
JEITA
TOSHIBA
Weight: 0.1 g (typ.)
Start of commercial production
1997/10


Similar Part No. - TLP176G_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP176G TOSHIBA-TLP176G_07 Datasheet
189Kb / 7P
   Photocoupler GaAs Ired & Photo−MOSFET
More results

Similar Description - TLP176G_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
   Modem - Fax Cards, Modems in PC
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G_14 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
   Modems PBX Telecommunications
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
   Telecommunications PBX Modems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com