Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP170J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP170J
Description  Modem - Fax Cards, Modems in PC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP170J Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP170J Datasheet HTML 1Page - Toshiba Semiconductor TLP170J Datasheet HTML 2Page - Toshiba Semiconductor TLP170J Datasheet HTML 3Page - Toshiba Semiconductor TLP170J Datasheet HTML 4Page - Toshiba Semiconductor TLP170J Datasheet HTML 5Page - Toshiba Semiconductor TLP170J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP170J
2014-09-01
3
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 90 mA
0.4
1
mA
Return LED current
IFC
IOFF = 100 μA
0.1
mA
ON-state resistance
RON
ION = 90 mA, IF= 2 mA, t < 1 s
40
Ω
ION = 90 mA, IF= 2 mA, continuous
45
60
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5
× 10
10
10
14
Ω
Isolation voltage
BVS
AC, 1 minute
1500
Vrms
AC, 1 second, in oil
3000
DC, 1 minute, in oil
3000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
RL = 200 Ω
VDD = 10 V, IF = 2 mA
(Note 2)
2.0
8.0
ms
Turn-on time
tON
RL = 200 Ω
VDD = 10 V, IF = 5 mA
(Note 2)
5.0
Turn-off time
tOFF
RL = 200 Ω
VDD = 10 V, IF = 2 mA
(Note 2)
0.5
3.0
Note 2: Switching time test circuit
4
tOFF
tON
10%
90%
VOUT
IF
1
VDD
VOUT
RL
3
2
IF


Similar Part No. - TLP170J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
   TOSHIBA Photocoupler Photorelay
2019-06-17
TLP170AM TOSHIBA-TLP170AM Datasheet
320Kb / 11P
   Photocouplers Photorelay
2021-05-24 Rev.2.0
TLP170D TOSHIBA-TLP170D Datasheet
227Kb / 6P
   TOSHIBA Photocoupler IRED & Photo-MOSFET
TLP170G TOSHIBA-TLP170G Datasheet
340Kb / 6P
   TOSHIBA Photocoupler Photorelay
2019-06-17
TLP170GM TOSHIBA-TLP170GM Datasheet
320Kb / 10P
   Photocouplers Photorelay
2021-05-31 Rev.2.0
More results

Similar Description - TLP170J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP176G TOSHIBA-TLP176G_14 Datasheet
217Kb / 7P
   Modems In PC Modem?묯ax Cards Telecommunications
TLP4227G TOSHIBA-TLP4227G_14 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
logo
Sanyo Semicon Device
LC8920 SANYO-LC8920 Datasheet
192Kb / 8P
   FAX Modem
logo
Toshiba Semiconductor
TLP4227G TOSHIBA-TLP4227G Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
logo
Bourns Electronic Solut...
TISP4350T3BJR-S BOURNS-TISP4350T3BJR-S Datasheet
652Kb / 1P
   RJ11 Fax/Modem (FXO)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com