Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9324 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9324
Description  5-Bit Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9324 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  9324 Datasheet HTML 1Page - National Semiconductor (TI) 9324 Datasheet HTML 2Page - National Semiconductor (TI) 9324 Datasheet HTML 3Page - National Semiconductor (TI) 9324 Datasheet HTML 4Page - National Semiconductor (TI) 9324 Datasheet HTML 5Page - National Semiconductor (TI) 9324 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Military
Commercial
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max
24
34
V
VIL e Max
VOL
Low Level Output Voltage
VCC e Min IOL e Max
02
04
V
VIH e Min
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
80
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
32
mA
IOS
Short Circuit
VCC e Max
MIL
b
20
b
70
mA
Output Current
(Note 2)
COM
b
20
b
70
ICC
Supply Current
VCC e Max
81
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
2


Similar Part No. - 9324

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9324 3M-9324 Datasheet
176Kb / 2P
   UHMW Polyethylene Tape
logo
Leach International Cor...
9324 LEACH-9324 Datasheet
484Kb / 4P
   RELAY NONLATCH 3PST/NO, 25 AMP
logo
Keystone Electronics Co...
9324 KEYSTONE-9324 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9324 HEYCO-9324 Datasheet
98Kb / 1P
   Snap Rivets – continued
9324 HEYCO-9324 Datasheet
152Kb / 2P
   Snap Rivets
More results

Similar Description - 9324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
93L24 NSC-93L24 Datasheet
90Kb / 4P
   5-Bit Comparator
logo
Fairchild Semiconductor
DM9324 FAIRCHILD-DM9324 Datasheet
41Kb / 4P
   5-Bit Comparator
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
   5-Bit Magnitude Comparator
1996 REV 5
logo
Micrel Semiconductor
SY100S366 MICREL-SY100S366 Datasheet
114Kb / 6P
   9-BIT COMPARATOR
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
   8-Bit Comparator
logo
Micrel Semiconductor
SY100S366 MICREL-SY100S366_07 Datasheet
77Kb / 6P
   9-BIT COMPARATOR
logo
National Semiconductor ...
DM54LS460 NSC-DM54LS460 Datasheet
60Kb / 3P
   10-Bit Comparator
F100166 NSC-F100166 Datasheet
120Kb / 5P
   9-BIT COMPARATOR
logo
Micrel Semiconductor
SY100S366 MICREL-SY100S366_06 Datasheet
99Kb / 7P
   9-BIT COMPARATOR
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com