Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37735EHLXXXHP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M37735EHLXXXHP
Description  PROM VERSION OF M37735MHLXXXHP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37735EHLXXXHP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M37735EHLXXXHP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37735EHLXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
5
MITSUBISHI MICROCOMPUTERS
M37735EHLXXXHP
PROM VERSION OF M37735MHLXXXHP
Functions
Supply 5V±10% to VCC and 0V to VSS.
Connect to VPP when programming or verifing.
Connect to VPP when programming or verifing.
Connect to VSS.
Connect a ceramic resonator between XIN and XOUT.
Keep open.
Connect AVCC to VCC and AVSS to VSS.
Connect to VSS.
Port P0 functions as the lower 8 bits address input (A0 – A7).
Port P1 functions as the higher 8 bits address input (A8 – A15).
Port P2 functions as the 8 bits data bus(D0 – D7).
P30 functions as the most significant bit address input (A16).
Connect to VSS.
Connect to VSS.
___
__
__
P50, P51 and P52 function as PGM, OE and CE input pins respectively.
Connect P53, P54, P55 and P56 to VCC. Connect P57 to VSS.
Connect to VSS.
Connect to VSS.
Connect to VSS.
Input/Output
Input
Input
Input
Input
Output
Output
Input
Input
Input
I/O
Input
Input
Input
Input
Input
Input
Input
Name
Power supply
VPP input
VPP input
Reset input
Clock input
Clock output
Enable output
Analog supply input
Reference voltage input
Address input (A0 – A7)
Address input (A8 – A15)
Data I/O (D0 – D7)
Address input (A16)
Input port P3
Input port P4
Control signal input
Input port P6
Input port P7
Input port P8
Pin
VCC, VSS
CNVSS
BYTE
____
RESET
XIN
XOUT
_
E
AVCC, AVSS
VREF
P00 – P07
P10 – P17
P20 – P27
P30
P31 – P33
P40 – P47
P50 – P57
P60 – P67
P70 – P77
P80 – P87
PIN DESCRIPTION (EPROM MODE)


Similar Part No. - M37735EHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
   PROM VERSION OF M37735MHLXXXHP
More results

Similar Description - M37735EHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37735EHLXXXHP RENESAS-M37735EHLXXXHP Datasheet
652Kb / 35P
   PROM VERSION OF M37735MHLXXXHP
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
logo
Mitsubishi Electric Sem...
M37736EHB MITSUBISHI-M37736EHB Datasheet
405Kb / 33P
   PROM VERSION OF M37736EHBXXXGP
logo
Renesas Technology Corp
M37736EHBXXXGP RENESAS-M37736EHBXXXGP Datasheet
562Kb / 34P
   PROM VERSION OF M37736MHBXXXGP
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
   PROM VERSION OF M37733MHLXXXHP
logo
Mitsubishi Electric Sem...
M37735EHB MITSUBISHI-M37735EHB Datasheet
591Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
logo
Renesas Technology Corp
M37736EHLXXXHP RENESAS-M37736EHLXXXHP Datasheet
587Kb / 37P
   PROM VERSION OF M37736MHLXXXHP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com