Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29302A Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX29302A
Description  3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29302A Datasheet(HTML) 1 Page - Sipex Corporation

  SPX29302A Datasheet HTML 1Page - Sipex Corporation SPX29302A Datasheet HTML 2Page - Sipex Corporation SPX29302A Datasheet HTML 3Page - Sipex Corporation SPX29302A Datasheet HTML 4Page - Sipex Corporation SPX29302A Datasheet HTML 5Page - Sipex Corporation SPX29302A Datasheet HTML 6Page - Sipex Corporation SPX29302A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Date: 5/25/04
SPX29302A 3Amp LDO Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
3A High Current, Low Dropout Voltage Regulator
Adjustable, Fast Response Time
SPX29302A
FEATURES
■ Adjustable Output Down To 1.25V
■ 1% Output Accuracy
■ Output Current of 3A
■ Low Dropout Voltage of 370mV @ 3A
■ Extremely Fast Transient Response
■ Reverse-Battery Protection
■ Zero Current Shutdown (5 pin version)
■ Standard TO-220 and TO-263
Packages
®
The SPX29302A is a 3A, highly accurate voltage regulator with a low drop out voltage of
370mV (typical) @ 3A. These regulators are specifically designed for low voltage applications
that require a low dropout voltage and a fast transient response. Fault protection features
include over-current, reverse battery, and positive and negative voltage transients. On-Chip
trimming adjusts the reference voltage to 1% initial accuracy.
The SPX29302A is offered in 5-pin TO-220 & TO-263 packages.
APPLICATIONS
■ Powering VGA & Sound Card
■ PowerPC™ Supplies
■ SMPS Post Regulator
■ High Efficiency “Green” Computer
Systems
■ High Efficiency Linear Power Supplies
■ Constant Current Regulators
■ Adjustable Power Supplies
■ Battery Charger
Figure 1. Adjustable Output Linear Regulator
SPX29302A
V
OUT
V
IN
GND
ADJ
1
2
3
4
5
R1
R2
6.8µF
++
10µF
DESCRIPTION
TYPICAL APPLICATION S CIRCUIT
Refer to page 7 for pinouts.
Now Available in Lead Free Packaging


Similar Part No. - SPX29302A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29302 SIPEX-SPX29302 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Exar Corporation
SPX29302 EXAR-SPX29302 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX29302 EXAR-SPX29302 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
More results

Similar Description - SPX29302A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com