Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29150U-1.8 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX29150U-1.8
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150U-1.8 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX29150U-1.8 Datasheet HTML 1Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 2Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 3Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 4Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 5Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 6Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 7Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 8Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Date:5/25/04
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Figure 9. Ground Current vs Temperature
Figure 10. Output Voltage vs Temperature at
at I
LOAD=10mA
I
LOAD=10mA
Figure 11. Ground Current vs Temperature at
Figure 12. Output Voltage vs Temperature in Dropout
I
LOAD=500
at I
LOAD=750mA
Figure 13. Ground Current vs Temperature at
Figure 14. Output Current vs Temperature in Dropout
I
LOAD=1.5A
at I
LOAD=1.5A
TYPICAL PERFORMANCE CHARACTERISTICS
180
190
200
210
220
230
240
250
260
270
280
-40
-20
0
20
40
60
80
100
120
Temperature (o C)
3.3V Device
Vin = 4.3V
IL = 10mA
CL = 10 F
5.00
5.20
5.40
5.60
5.80
6.00
6.20
6.40
6.60
6.80
7.00
-40
-20
0
20
40
60
80
100
120
Temperature (oC)
3.3V Device
Vin = 4.3V
IL = 500mA
CL = 10 F
20
21
22
23
24
25
26
27
28
29
30
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
3.3V Device
Vin = 3.2V
IL = 750mA
CL = 10 F
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
52.0
-40
-20
0
20
40
60
80
100
120
Temperature (oC)
3.3V Device
Vin = 4.3V
IL = 1.5A
CL = 10 uF
70
75
80
85
90
95
100
-40
-20
020
40
60
80100
120
Temperature (
o C)
3.3V Device
Vin = 3.2V
IL = 1.5A
CL = 10 F
3.220
3.230
3.240
3.250
3.260
3.270
3.280
3.290
3.300
3.310
3.320
-40
-20
0
20
40
60
80
100
120
Temperature (oC)
3.3V Device
Vin = 4.3V
IL = 10mA
CL = 10 F


Similar Part No. - SPX29150U-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29150U-1-8 SIPEX-SPX29150U-1-8 Datasheet
665Kb / 13P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29150U-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com