Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPX29300 Datasheet(PDF) 4 Page - Sipex Corporation

Part No. SPX29300
Description  3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29300 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX29300 Datasheet HTML 1Page - Sipex Corporation SPX29300 Datasheet HTML 2Page - Sipex Corporation SPX29300 Datasheet HTML 3Page - Sipex Corporation SPX29300 Datasheet HTML 4Page - Sipex Corporation SPX29300 Datasheet HTML 5Page - Sipex Corporation SPX29300 Datasheet HTML 6Page - Sipex Corporation SPX29300 Datasheet HTML 7Page - Sipex Corporation SPX29300 Datasheet HTML 8Page - Sipex Corporation SPX29300 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Date: 5/25/04
SPX29300/01/02/03 3A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Dropout Voltage vs Load Current
Figure 4. Line Regulation
Figure 5. Ground Current vs Load Current
Figure 6. Load Regulation
Figure 7. Enable Threshold vs Temperature
0
200
400
600
800
1000
01.0
2.03.0
IL (A)
3.3V Device
CL = 10µF
1200
Vin = 3.2V
85°C
25°C
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
468
10
12
14
16
Vin (V)
2.5V Device
IL = 10mA
CL = 10µF
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
01.0
2.03.0
IL (A)
3.3V Device
Vin = 4.3V
CL = 10µF
85°C
25°C
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
1.0
2.0
3.0
IL (A)
Vin = 4.3V
CL = 10µF
3.3V Device
1.2
1.3
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
3.3V Device
1.4
1.5
1.6
1.7
1.8
1.9


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn