Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9266 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9266
Description  COT Control, 6.0A Synchronous Step-Down DC/DC Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9266 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9266 Datasheet HTML 1Page - Torex Semiconductor XC9266 Datasheet HTML 2Page - Torex Semiconductor XC9266 Datasheet HTML 3Page - Torex Semiconductor XC9266 Datasheet HTML 4Page - Torex Semiconductor XC9266 Datasheet HTML 5Page - Torex Semiconductor XC9266 Datasheet HTML 6Page - Torex Semiconductor XC9266 Datasheet HTML 7Page - Torex Semiconductor XC9266 Datasheet HTML 8Page - Torex Semiconductor XC9266 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
XC9266 Series
COT Control, 6.0A Synchronous Step-Down DC/DC Converters
APPLICATIONS
PC
Graphic board
Storage
Industrial application
FPGA
SSD
ASIC
DSP
FEATURES
Input Voltage Range
: 2.7V~5.5V
Output Voltage Range
: 0.8V~3.6V
FB Voltage
: 0.6V±1.0%
Output Current
: 6.0A
Oscillation Frequency
: 1.2MHz, 3.0MHz
Efficiency
: 93%(VIN=5.0V, VOUT=1.8V, IOUT=1.0A)
Control Methods
: HiSAT-COT Control
100% Duty Cycle
Mode select between
Fixed PWM and PWM/PFM Auto
Protection Circuits
: Thermal Shutdown
Current Limit (Pendent character)
HICCUP or Short Circuit Protection
Functions
: UVLO , Soft-Start, Soft-off
CL High Speed Discharge
Capacitor
: Ceramic Capacitor
Operating Ambient Temperature
:- 40℃ ~ + 105℃
Package
: QFN0404-24C
Environmentally Friendly
: EU RoHS Compliant, Pb Free
TYPICAL APPLICATION CIRCUIT
ETR05051-001
Green Operation-compatible
GENERAL DESCRIPTION
The XC9266 series is a group of synchronous-rectification type DC/DC converters with a built-in 32mΩ P-channel MOS driver
transistor and 25mΩ N-channel MOS switching transistor, designed to allow the use of ceramic capacitors. The small on-resistances
of these two internal driver transistors enable a high efficiency, stable power supply with an output current up to 6.0A. A 0.6V
reference voltage source is incorporated, and the output voltage can be set freely by external resistors. Oscillation frequency is set
to 1.2MHz or 3.0MHz can be selected for suiting to your particular application. The operation mode is HISAT-COT (*) control, which
has an excellent transient response. PWM control or PWM/PFM auto switching control can be selected at the MODE1 pin, and a
high-speed response, low ripple, and high efficiency are achieved across the entire load range (from light loads to heavy loads).
During stand-by, all circuits are shutdown to reduce current consumption to as low as 1.0μA or less. As for the soft-start function as
fast as 0.25ms in typical for quick turn-on. The soft start time can be set as desired by adding an external capacitance to the SS
pin. Internal protection circuits include over current protection, short-circuit protection, and thermal shutdown circuits to enable safe
use. Short circuit protection or Hiccup mode can be selected at the MODE2 pin.
Soft-off function and CL High Speed discharge function discharge the electric charge at the output capacitor CL when putting the IC
in a stand-by mode. Soft-off function can be selected at the MODE3 pin. The package is the QFN0404-24C (4mm×4mm).
(*) HiSAT-COT is an original Torex term for High Speed Transient Response.
TYPICAL PERFORMANCE
CHARACTERISTICS
XC9266B06C VOUT=1.8V, fosc=1.2MHz L=0.56μH(XAL6030),
CIN=47μF(GRM31CR61A476ME15L),CL=47μF(GRM31CR60J476ME19L),RFB1=36kΩ,RFB2=18kΩ,CF
0
20
40
60
80
100
1
10
100
1000
10000
Output Current : IOUT (mA)
PWM/PFM
PWM
VIN =5.0V
PVIN
AVIN
CE
MODE1
PG
SS
AGND
VOUT
Lx
FB
PGND
MODE2
MODE3
VIN
CIN
CSS
CDD
RDD
RPG
L
CFB
RFB1
RFB2
CL
VOUT


Similar Part No. - XC9266

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CER-G TOREX-XC9260A08CER-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CPR-G TOREX-XC9260A08CPR-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DER-G TOREX-XC9260A08DER-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DPR-G TOREX-XC9260A08DPR-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9266

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com