Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6702 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6702
Description  36V input, 300mA low supply current, high speed voltage regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6702 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6702 Datasheet HTML 1Page - Torex Semiconductor XC6702 Datasheet HTML 2Page - Torex Semiconductor XC6702 Datasheet HTML 3Page - Torex Semiconductor XC6702 Datasheet HTML 4Page - Torex Semiconductor XC6702 Datasheet HTML 5Page - Torex Semiconductor XC6702 Datasheet HTML 6Page - Torex Semiconductor XC6702 Datasheet HTML 7Page - Torex Semiconductor XC6702 Datasheet HTML 8Page - Torex Semiconductor XC6702 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
XC6702
Series
PIN NUMBER
PIN NAME
FUNCTIONS
USP-6C
SOT-89-5
SOP-8FD
(Under Development)
1
1
1
VOUT
Output
2,5
4
2,3,5,7
NC
No Connection
3
3
4
CE
ON/OFF Control
4
2
6
VSS
Ground
6
5
8
VIN
Power Input
PIN NAME
SIGNAL
STATUS
CE
L
Stand-by
H
Active
OPEN
Unstable
USP-6C
(BOTTOM VIEW)
VIN 6
NC 5
VSS 4
1 VOUT
2 NC
3 CE
SOT-89-5
(TOP VIEW)
5
2
4
3
2
1
VIN
NC
VOUT
VSS
CE
SOP-8FD
(TOP VIEW )
8 VIN
5 NC
VOUT 1
4
NC 2
3
7 NC
6 VSS
NC
CE
■PIN CONFIGURATION
■PIN ASSIGNMENT
* For mounting strength reinforcement and heat radiation of the USP-6C and SOP-8FD(Under Development) radiator plates,
it is recommended that soldering be performed according to the reference pattern layout and reference
metal mask design.
To fix the voltage of the radiator plate, connect to VSS (Pin 4 of USP-6C or Pin 6 of SOP-8FD(Under Development)).
■PIN FUNCTION ASSIGNMENT
* Avoid leaving the CE pin open; set to any fixed voltage.
(Under Development)


Similar Part No. - XC6702

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182EL TOREX-XC6701B182EL Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701B182ER TOREX-XC6701B182ER Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results

Similar Description - XC6702

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD6702 TOREX-XD6702 Datasheet
1Mb / 27P
   36V input, 300mA low supply current, high speed voltage regulators
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
   300mA 36V Input Regulator
R1517X NISSHINBO-R1517X Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
R1518X NISSHINBO-R1518X Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
logo
Unisonic Technologies
LM5954 UTC-LM5954 Datasheet
158Kb / 5P
   HIGH INPUT VOLTAGE, LOW QUIESCENT CURRENT, 300mA LDO REGULATOR
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
E-CMOS Corporation
EC3111 E-CMOS-EC3111 Datasheet
829Kb / 16P
   300mA High-PSRR Low Dropout Voltage Linear Regulators
logo
Micrel Semiconductor
MIC61300 MICREL-MIC61300_11 Datasheet
1,003Kb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
MIC61150 MICREL-MIC61150 Datasheet
1Mb / 22P
   Low Input Voltage, Single-Supply High-Current LDO
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350 Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com