Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS30-N1241 Datasheet(PDF) 3 Page - SICK AG

Part # DS30-N1241
Description  MID RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DS30-N1241 Datasheet(HTML) 3 Page - SICK AG

  DS30-N1241 Datasheet HTML 1Page - SICK AG DS30-N1241 Datasheet HTML 2Page - SICK AG DS30-N1241 Datasheet HTML 3Page - SICK AG DS30-N1241 Datasheet HTML 4Page - SICK AG DS30-N1241 Datasheet HTML 5Page - SICK AG DS30-N1241 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS30-N1241 | Dx30
MID RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Ambient data
Enclosure rating
IP 65
Protection class
II 1)
Electromagnetic compatibility (EMC)
EN 61000-6-2:2005-08, EN 61000-6-3:2001-10 + A11:2004-07
EN 60947-5-2:1998-10 + A1:1999-08 + A2:2004-02
Ambient temperature
Operation: –40 °C ... +55 °C
Storage: –40 °C ... +75 °C
1) Reference voltage DC 50 V.
Dimensional drawing (Dimensions in mm (inch))
24.6
(0.97)
55 (2.17)
40 (1.57)
50 (1.97)
Ø 5.2
(0.20)
1
2
3
4 5
6
①  Optical axis, sender
②  Optical axis, receiver
③  Mounting hole ø 5.2 mm
④  LED indicator 1
⑤  LED indicator 2
⑥  Sensing distance adjustment: teach-in button
Connection type
DS30-xx241


Similar Part No. - DS30-N1241

ManufacturerPart #DatasheetDescription
logo
SICK AG
DS30-N1253 SICK-DS30-N1253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS30-N1255 SICK-DS30-N1255 Datasheet
688Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS30-N1241

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com