Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5971RGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5971RGET
Description  12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5971RGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5971RGET Datasheet HTML 2Page - Texas Instruments TLC5971RGET Datasheet HTML 3Page - Texas Instruments TLC5971RGET Datasheet HTML 4Page - Texas Instruments TLC5971RGET Datasheet HTML 5Page - Texas Instruments TLC5971RGET Datasheet HTML 6Page - Texas Instruments TLC5971RGET Datasheet HTML 7Page - Texas Instruments TLC5971RGET Datasheet HTML 8Page - Texas Instruments TLC5971RGET Datasheet HTML 9Page - Texas Instruments TLC5971RGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
100
(I
atVCC=3V)
Xn
OLC
(I
atVCC=5.5V)
(I
atVCC=3V)
Xn
Xn
-
OLC
OLC
5.5V
3V
-
D (%/V)=
´
I
(mA)=41 ´
Xn(IDEAL)
OLC
1.21
R
IREF (
)
W
D (%)=
IdealOutputCurrent
- (IdealOutputCurrent)
(I
+I
+I
+I
)
X0
X1
X2
X3
OLC
OLC
OLC
OLC
4
´ 100
D (%)=
- 1
I
Xn
OLC
(I
+I
+I
+I
)
X0
X1
X3
X2
OLC
OLC
OLC
OLC
4
´ 100
TLC5971
SBVS146D – AUGUST 2010 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
At TA = –40°C to +85°C, VCC = 6 V to 17 V or VCC = VREG = 3 V to 5.5 V, VLED = 5 V, and CVREG = 1 µF, unless otherwise
noted. Typical values are at TA = 25°C and VCC = 12 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Constant-current error
(1)
All OUTXn on, BCX = 7Fh, VOUTXn = VOUTfix = 1 V,
ΔIOLC
(channel-to-channel in same color group),
–3%
±1%
3%
RIREF = 0.82 kΩ (IOLCMax = 60 mA)
OUTXn
Constant current error
(2)
All OUTXn on, BCX = 7Fh, VOUTXn = VOUTfix = 1V,
ΔIOLC1
(device-to-device in same color group),
RIREF = 0.82 kΩ (IOLCMax = 60 mA), at same grouped color output
–4%
±1
4%
OUTXn
of OUTR0-3, OUTG0-3, and OUTB0-3
Line regulation of constant-current output,
All OUTn on, BCX = 7Fh, VOUTXn = VOUTfix = 1 V,
ΔIOLC2
–1
±0.5
1
%/V
OUTXn
(3)
RIREF = 0.82 kΩ (IOLCMax = 60 mA)
(1)
The deviation of each output in the same color group (OUTR0-OUTR3 or OUTG0-OUTG3 or OUTB0-OUTB3)
from the average current from the same color group. Deviation is calculated by Equation 1:
where
(a) X = R/G/B,
(b) n = 0-3.
(1)
(2)
The deviation of each color group constant-current average from the ideal constant-current value. Deviation is
calculated by Equation 2:
where
(a) X = R/G/B.
(2)
Ideal current is calculated by Equation 3 for the OUTRn and OUTGn groups:
where
(a) X = R/G/B.
(3)
(3)
Line regulation is calculated by Equation 4:
where
(a) X = R/G/B,
(b) n = 0-3.
(4)
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLC5971


Similar Part No. - TLC5971RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971RGET TI-TLC5971RGET Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
More results

Similar Description - TLC5971RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com