Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25122-Q1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM25122-Q1
Description  Wide-Input Synchronous Boost Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25122-Q1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM25122-Q1 Datasheet HTML 20Page - Texas Instruments LM25122-Q1 Datasheet HTML 21Page - Texas Instruments LM25122-Q1 Datasheet HTML 22Page - Texas Instruments LM25122-Q1 Datasheet HTML 23Page - Texas Instruments LM25122-Q1 Datasheet HTML 24Page - Texas Instruments LM25122-Q1 Datasheet HTML 25Page - Texas Instruments LM25122-Q1 Datasheet HTML 26Page - Texas Instruments LM25122-Q1 Datasheet HTML 27Page - Texas Instruments LM25122-Q1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
IN
OUT
V
'
D
V
COMP
CROSS
S _ EQ
FB2
S
OUT
R
f
D' [Hz]
R
R
A
C
u
S u
u
u
u
P _ EA
COMP
HF
1
&
+LJK IUHTXHQF\ SROH
R
C
u
Z _ EA
COMP
COMP
1
&
/RZ IUHTXHQF\ ]HUR
R
C
u
FB
FB2
COMP
HF
1
A
(Feedback DC gain)
R
C
C
u
Z _ EA
COMP
FB
OUT
P _ EA
1
Ö
&
V
A
ÖV
s
s
1
&
s
u
§
·
u ¨
¸
¨
¸
©
¹
LM25122-Q1
SNVSAF0A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Application Information (continued)
The feedback transfer function includes the feedback resistor divider and loop compensation of the error
amplifier. RCOMP, CCOMP and optional CHF configure the error amplifier gain and phase characteristics, create a
pole at origin, a low frequency zero and a high frequency pole.
Feedback transfer function is defined as follows:
where
(16)
The pole at the origin minimizes the output steady state error. The low frequency zero should be placed to cancel
the load pole of the modulator. The high frequency pole can be used to cancel the zero created by the output
capacitor ESR or to decrease noise susceptibility of the error amplifier. By placing the low frequency zero an
order of magnitude less than the crossover frequency, the maximum amount of phase boost can be achieved at
the crossover frequency. The high frequency pole should be placed beyond the crossover frequency since the
addition of CHF adds a pole in the feedback transfer function.
The crossover frequency (open loop bandwidth) is usually selected between one twentieth and one fifth of the
fSW. In a simplified formula, the estimated crossover frequency can be defined as:
where
(17)
For higher crossover frequency, RCOMP can be increased, while proportionally decreasing CCOMP. Conversely,
decreasing RCOMP while proportionally increasing CCOMP, results in lower bandwidth while keeping the same zero
frequency in the feedback transfer function.
The modulator transfer function can be measured by a network analyzer and the feedback transfer function can
be configured for the desired open loop transfer function. If the network analyzer is not available, step load
transient tests can be performed to verify acceptable performance. The step load goal is minimum
overshoot/undershoot with a damped response.
8.1.2 Sub-Harmonic Oscillation
Peak current mode regulator can exhibit unstable behavior when operating above 50% duty cycle. This behavior
is known as sub-harmonic oscillation and is characterized by alternating wide and narrow pulses at the SW pin.
Sub-harmonic oscillation can be prevented by adding an additional slope voltage ramp (slope compensation) on
top of the sensed inductor current. By choosing K
≥ 0.82~1.0, the sub-harmonic oscillation will be eliminated
even with wide varying input voltage.
24
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM25122-Q1


Similar Part No. - LM25122-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512A TI-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

Similar Description - LM25122-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Exar Corporation
SP7606 EXAR-SP7606 Datasheet
931Kb / 17P
   Wide Input Voltage Boost Controller
logo
Texas Instruments
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com