Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-1022101VSC Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-1022101VSC
Description  6-A Synchronous Buck Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-1022101VSC Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-1022101VSC Datasheet HTML 6Page - Texas Instruments 5962-1022101VSC Datasheet HTML 7Page - Texas Instruments 5962-1022101VSC Datasheet HTML 8Page - Texas Instruments 5962-1022101VSC Datasheet HTML 9Page - Texas Instruments 5962-1022101VSC Datasheet HTML 10Page - Texas Instruments 5962-1022101VSC Datasheet HTML 11Page - Texas Instruments 5962-1022101VSC Datasheet HTML 12Page - Texas Instruments 5962-1022101VSC Datasheet HTML 13Page - Texas Instruments 5962-1022101VSC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
1000
10000
100000
1000000
10000000
95
105
115
125
135
145
Operating Junction Temperature (°C)
100
80
60
40
20
Duty Cycle
TPS50601-SP
SLVSD45 – DECEMBER 2015
www.ti.com
7.6 Dissipation Ratings
See
(1) (2) (3) (4)
RθJA THERMAL IMPEDANCE,
RθJC THERMAL IMPEDANCE,
RθJB THERMAL IMPEDANCE,
PACKAGE
JUNCTION TO AMBIENT
JUNCTION TO CASE (THERMAL PAD)
JUNCTION TO BOARD
HKH
39.9°C/W
0.52°C/W
43.1°C/W
(1)
Maximum power dissipation may be limited by overcurrent protection
(2)
Power rating at a specific ambient temperature, TA, should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
150°C for best performance and long-term reliability. See power dissipation estimate in Application and Implementation for more
information.
(3)
Test board conditions:
(a) 2.5 inches × 2.5 inches, 4 layers, thickness: 0.062 inch
(b) 2-oz. copper traces located on the top of the PCB
(c) 2-oz. copper ground planes on the 2 internal layers and bottom layer
(d) 40.010-inch thermal vias located under the device package
(4)
For information on thermal characteristics, see SPRA953.
A.
See data sheet for absolute maximum and minimum recommended operating conditions.
B.
Product operating life design goal is >15 years for 65°C
≤ TJ ≤ 95°C based on silicon technology characterization per
MIL-PRF-38535.
C.
The predicted operating lifetime versus junction temperature is based on reliability modeling using electromigration as
the dominant failure mechanism affecting device wearout for the specific device process and design characteristics.
Figure 1. 6-A Continuous Current Estimated Device Life
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS50601-SP


Similar Part No. - 5962-1022101VSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-1022102VSC TI1-5962-1022102VSC Datasheet
85Kb / 4P
[Old version datasheet]   Radiation Hardened 3-V to 6.3-V Input, 6-A Synchronous Buck Converter
5962-1022102VSC TI-5962-1022102VSC Datasheet
1Mb / 36P
[Old version datasheet]   TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
More results

Similar Description - 5962-1022101VSC

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRCD3470 FOSHAN-BRCD3470 Datasheet
773Kb / 9P
   Synchronous Buck Converter in a SOT23-6 Plastic Package
logo
Alpha & Omega Semicondu...
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
   EZBuck??6 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Alpha & Omega Semicondu...
AOZ1038DI-1 AOSMD-AOZ1038DI-1 Datasheet
627Kb / 13P
   EZBuck??6 A Synchronous Buck Regulator
AOZ1038PI AOSMD-AOZ1038PI Datasheet
1Mb / 15P
   EZBuck 6 A Synchronous Buck Regulator
logo
Texas Instruments
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com