Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1581 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1581
Description  5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1581 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1581 Datasheet HTML 1Page - Sipex Corporation SPX1581 Datasheet HTML 2Page - Sipex Corporation SPX1581 Datasheet HTML 3Page - Sipex Corporation SPX1581 Datasheet HTML 4Page - Sipex Corporation SPX1581 Datasheet HTML 5Page - Sipex Corporation SPX1581 Datasheet HTML 6Page - Sipex Corporation SPX1581 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Date 5/25/04
SPX1581 5A Ultra Low Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
Adjustable Regulator Design
1.25V reference voltage is being developed be-
tween the SENSE pin and the ADJ pin of the
SPX1581. Adding two external resistors (see fig
1.) will allow setting the output voltage from
1.25V to 6V. R1 is chosen so that this current is
specified minimum load current of 10mA. R2 is
given by the formula: VOUT = VREF (1+ R2/R1)
+ IADJ (R2). The current flowing from the ADJ
pin is typicaly 50
µA. This ADJ pin contributes
to the final VOUT but is usually neglected.
Connecting the sense pin to the top of the resis-
tor divider will improve load regualtion.
Lowering Noise
Using the SENSE pin to Kelvin the load will
increase accuracy of the output voltage during
load regulation. For the fixed voltage device,
adding a capacitor at the GND pin will improve
transient response. This capacitor is chosen in
the range of 1
µF to 0.1µF and will depend on the
amount of output capacitance in the system.
APPLICATION NOTES: Continued


Similar Part No. - SPX1581

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581T SIPEX-SPX1581T Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581T-2.5 SIPEX-SPX1581T-2.5 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581T-2.8 SIPEX-SPX1581T-2.8 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581T-3.3 SIPEX-SPX1581T-3.3 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1581

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Sipex Corporation
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com