Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1432 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX1432
Description  1.24V Precision Adjustable Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1432 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX1432 Datasheet HTML 1Page - Sipex Corporation SPX1432 Datasheet HTML 2Page - Sipex Corporation SPX1432 Datasheet HTML 3Page - Sipex Corporation SPX1432 Datasheet HTML 4Page - Sipex Corporation SPX1432 Datasheet HTML 5Page - Sipex Corporation SPX1432 Datasheet HTML 6Page - Sipex Corporation SPX1432 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Date: 5/6/04
SPX1432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3 PIN SOT23
A
A2
A1
SIDE VIEW
A
A
Seating Plane
C
c
WITH PLATING
BASE METAL
b
E
E1
e
e1
D
b
1
2
3
L1
L
L2
Gauge Plane
VIEW C
SEE VIEW C
B
B
0.89
-
1.12
0.01
-
0.10
Dimensions in (mm)
3 PIN SOT-23
JEDEC TO-236
(AB) Variation
0.88
.95
1.02
0.30
-
0.50
0.08
-
0.20
0.30
0.45
0.60
0.54 REF
-
A
A1
A2
b
c
D
E
E1
L
L1
Ø
MIN
NOM MAX
2.80
2.90
3.04
2.10
-
2.64
1.20
1.30
1.40
e
e1
0.95 BSC
1.90 BSC
3 PIN SOT-23


Similar Part No. - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1431 SIPEX-SPX1431 Datasheet
160Kb / 8P
   Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
102Kb / 12P
   Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
717Kb / 12P
   Precision Adjustable Shunt Regulator
logo
Exar Corporation
SPX1431 EXAR-SPX1431 Datasheet
2Mb / 11P
   Precision Adjustable Shunt Regulator
logo
Sipex Corporation
SPX1431M1 SIPEX-SPX1431M1 Datasheet
160Kb / 8P
   Precision Adjustable Shunt Regulator
More results

Similar Description - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com