Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1432 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1432
Description  1.24V Precision Adjustable Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1432 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1432 Datasheet HTML 1Page - Sipex Corporation SPX1432 Datasheet HTML 2Page - Sipex Corporation SPX1432 Datasheet HTML 3Page - Sipex Corporation SPX1432 Datasheet HTML 4Page - Sipex Corporation SPX1432 Datasheet HTML 5Page - Sipex Corporation SPX1432 Datasheet HTML 6Page - Sipex Corporation SPX1432 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Date: 5/6/04
SPX1432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
1.235
1.24
1.245
1.25
0.01
0.1
1
10
100
Ik--cathode Current (mA)
-40
-30
-20
-10
0
03
69
12
15
18
21
VKA-Cathode Voltage (V)
0.0001
0.0010
0.0100
0.1000
1.0000
10.0000
100.0000
1000.0000
-50
0
50
100
150
Ta Ambient Temperature (C)
Reference Voltage VS Ambient Temperature.
Reference Voltage Load Regulation.
Reference Voltage Line Regulation.
Off State Leakage VS Ambient Temperature.
1.22
1.225
1.23
1.235
1.24
1.245
1.25
-60
-30
0
30
60
90
120
TA-Ambient Temperature (°C)
Ch1-VIN
Ch2-VKA
IKA = 0 to 100µA.
GND
VIN
fP = 100kHz
50Ω
R
VOUT
IK
Test Circuit for Pulse Response.
TYPICAL PERFORMANCE CHARACTERISTICS: Continued


Similar Part No. - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1431 SIPEX-SPX1431 Datasheet
160Kb / 8P
   Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
102Kb / 12P
   Precision Adjustable Shunt Regulator
SPX1431 SIPEX-SPX1431 Datasheet
717Kb / 12P
   Precision Adjustable Shunt Regulator
logo
Exar Corporation
SPX1431 EXAR-SPX1431 Datasheet
2Mb / 11P
   Precision Adjustable Shunt Regulator
logo
Sipex Corporation
SPX1431M1 SIPEX-SPX1431M1 Datasheet
160Kb / 8P
   Precision Adjustable Shunt Regulator
More results

Similar Description - SPX1432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432 SIPEX-SPX432 Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
SPX432L SIPEX-SPX432L Datasheet
166Kb / 9P
   Ultra 1.24V Precision Adjustable Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com