Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1117M3-1.8 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1117M3-1.8
Description  800mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117M3-1.8 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1117M3-1.8 Datasheet HTML 1Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 2Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 3Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 4Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 5Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 6Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 7Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 8Page - Sipex Corporation SPX1117M3-1.8 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Date: 8/25/04
SPX1117 800mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
T
A = 25°C, CIN = COUT = 10µF, unless otherwise specified. The Boldface applies over the full operating temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Adjust Pin Current
50
120
µA
Current Limit
(V
IN-VOUT)=5V
1.0
1.5
2.0
A
Thermal Regulation
25
°C, 30mS pulse
0.01
0.1
%/W
Ripple Rejection
f
RIPPLE=120Hz, (VIN-VOUT)=2V,
60
75
dB
V
RIPPLE=1VPP
Long Term Stability
125
°C, 1000Hrs
0.03
%
RMS Output Noise
% of V
OUT, 10Hz≤f≤10kHz
0.003
%
Thermal Resistance
TO-220 Junction to Case, at Tab
3
°C/W
TO-220 Junction to Ambient
60
TO-263 Junction to Case, at Tab
3
TO-263 Junction to Ambient
60
TO-252 Junction to Case, at Tab
6
TO-252 Junction to Ambient
126
SOT-223 Junction to Case, at Tab
15
SOT-223 Junction to Ambient
156
*Note 1 - For fixed option, V
INMIN = VOUT + 1.5V
- For adjustable option, V
INMIN = VIN - VOUT = 1.4V
*Note 2 - Dropout voltage is the input voltage minus output voltage that produces a 1% decrease in output voltage with respect
to the nominal output voltage at V
IN = VOUT + 1.5V


Similar Part No. - SPX1117M3-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117M3-1.5 SIPEX-SPX1117M3-1.5 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
More results

Similar Description - SPX1117M3-1.8

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com