Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR2DG29 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR2DG29
Description  Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2DG29 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR2DG29 Datasheet HTML 1Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 2Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 3Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 4Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 5Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 6Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 7Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 8Page - Toshiba Semiconductor TCR2DG29 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TCR2DG series
2014-03-01
3
List of Products Number, Marking and Output voltage
Top Marking
Products No.
Marking
Output voltage (V)
TCR2DG12
D3
1.2
TCR2DG125
D8
1.25*
TCR2DG13
D4
1.3*
TCR2DG14
D5
1.4*
TCR2DG15
DA
1.5
TCR2DG16
DB
1.6*
TCR2DG17
DD
1.7*
TCR2DG18
DE
1.8
TCR2DG19
DF
1.9*
TCR2DG20
DG
2.0*
TCR2DG21
DH
2.1*
TCR2DG22
DI
2.2*
TCR2DG23
DK
2.3*
TCR2DG24
DL
2.4*
TCR2DG25
DM
2.5
TCR2DG26
DN
2.6*
TCR2DG27
DO
2.7*
TCR2DG28
DP
2.8
TCR2DG285
D7
2.85*
TCR2DG29
DR
2.9*
TCR2DG295
D6
2.95*
TCR2DG30
DS
3.0
TCR2DG31
DT
3.1*
TCR2DG32
DV
3.2*
TCR2DG33
DW
3.3
TCR2DG34
DX
3.4*
TCR2DG35
DY
3.5*
TCR2DG36
DZ
3.6
* Please contact your local Toshiba representative if you are interested in products with * sign
DA
Index
Example: TCR2DG15 (1.5 V output)


Similar Part No. - TCR2DG29

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - TCR2DG29

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Lowpower Semiconductor ...
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3989 POWER-LP3989 Datasheet
610Kb / 8P
   600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com