Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP5214 Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TLP5214
Description  Isolated IGBT/Power MOSFET gate drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP5214 Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TLP5214 Datasheet HTML 12Page - Toshiba Semiconductor TLP5214 Datasheet HTML 13Page - Toshiba Semiconductor TLP5214 Datasheet HTML 14Page - Toshiba Semiconductor TLP5214 Datasheet HTML 15Page - Toshiba Semiconductor TLP5214 Datasheet HTML 16Page - Toshiba Semiconductor TLP5214 Datasheet HTML 17Page - Toshiba Semiconductor TLP5214 Datasheet HTML 18Page - Toshiba Semiconductor TLP5214 Datasheet HTML 19Page - Toshiba Semiconductor TLP5214 Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TLP5214
2015-12-26
16
3.3 Empty Device Recesses Are as Shown in Table 1.
Table1
Empty Device Recesses
Standard
Remarks
Occurrences of 2 or more
successive empty device
recesses
0 device
Within any given 40-mm section of
tape, not including leader and trailer
Single empty device
recesses
6 device (max) per reel
Not including leader and trailer
3.4 Start and End of Tape
The start of the tape has 14 or more empty holes. The end of the tape has 34 or more empty holes and
more than 30mm only for a cover tape.
3.5 Tape Specification
(1) Material: Plastic (for protection against static electricity)
(2) Dimensions: The tape dimensions are shown in Figure 2 and Table 2.
Unit:mm
Figure 2 Tape Forms
Table 2 Tape Dimensions
Unit: mm
Unless otherwise specified: ±0.1
Symbol
Dimension
Remark
A
10.4
B
10.7
D
7.5
Center line of indented square hole and sprocket hole
E
1.75
Distance between tape edge and hole center
F
12.0
Cumulative error
(max) per 10 feed holes
G
4.0
Cumulative error
(max) per 10 feed holes
K0
2.4
Internal space
+0.1
-0.3
+0.1
-0.3


Similar Part No. - TLP5214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP5214A TOSHIBA-TLP5214A Datasheet
1Mb / 19P
   Photocouplers Infrared LED & Photo IC
2019-10-30
More results

Similar Description - TLP5214

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com