Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCR2DG16 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR2DG16
Description  Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2DG16 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR2DG16 Datasheet HTML 1Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 2Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 3Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 4Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 5Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 6Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 7Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 8Page - Toshiba Semiconductor TCR2DG16 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TCR2DG series
2014-03-01
4
Electrical Characteristics
(
Unless otherwise specified,
VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.47 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage accuracy
VOUT
-1.0
+1.0
%
Input voltage
VIN
2.0
5.5
V
Line regulation
Reg・line
2.0 V ≤ VIN ≤ 5.5 V, IOUT = 1 mA
0.1
5
mV
Load regulation
Reg・load
1 mA ≤ IOUT ≤ 150 mA
5
10
mV
Quiescent current
IB
IOUT = 0 mA
45
70
μA
Stand-by current
IB (OFF)
VCT = 0 V
0.1
0.7
μA
Drop-out voltage
VIN-VOUT
IOUT = 100 mA (Note 2)
75
130
mV
Temperature coefficient
TCVO
−40°C ≤ Topr ≤ 85°C
70
ppm/°C
VOUT = 1.2 V
14
VOUT = 2.5 V
18
Output noise voltage
VNO
VIN = VOUT + 1 V,
IOUT = 10 mA,
10 Hz ≤ f ≤ 100 kHz,
Ta
= 25°C
VOUT = 3.0 V
22
μVrms
VOUT = 1.2 V
85
VOUT = 2.5 V
75
f
= 1 kHz
VOUT = 3.0 V
73
VOUT = 1.2 V
68
VOUT = 2.5 V
62
f
= 10 kHz
VOUT = 3.0 V
60
VOUT = 1.2 V
50
VOUT = 2.5 V
50
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V,
IOUT = 10 mA,
VRipple =500mVp-p,
Ta
= 25°C
f
= 100 kHz
VOUT = 3.0 V
50
dB
Load transient response
VOUT
IOUT = 1mA ⇔150mA, COUT = 1.0 μF
±65
mV
Control voltage (ON)
VCT (ON)
1.1
5.5
V
Control voltage (OFF)
VCT (OFF)
0
0.5
V
Note 2:
The 2.5 V output product.


Similar Part No. - TCR2DG16

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TCR22-4 LITTELFUSE-TCR22-4 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
TCR22-4 ETC2-TCR22-4 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Littelfuse
TCR22-6 LITTELFUSE-TCR22-6 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
TCR22-6 ETC2-TCR22-6 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - TCR2DG16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
   200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Lowpower Semiconductor ...
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
   300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3989 POWER-LP3989 Datasheet
610Kb / 8P
   600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com