Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP705A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP705A
Description  Isolation voltage - 5000 Vrms (min)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP705A Datasheet HTML 1Page - Toshiba Semiconductor TLP705A Datasheet HTML 2Page - Toshiba Semiconductor TLP705A Datasheet HTML 3Page - Toshiba Semiconductor TLP705A Datasheet HTML 4Page - Toshiba Semiconductor TLP705A Datasheet HTML 5Page - Toshiba Semiconductor TLP705A Datasheet HTML 6Page - Toshiba Semiconductor TLP705A Datasheet HTML 7Page - Toshiba Semiconductor TLP705A Datasheet HTML 8Page - Toshiba Semiconductor TLP705A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLP705A
5
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 100
= -40 to 100
= -40 to 100
= -40 to 100 
))))
Characteristics
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Propagation delay skew
(device to device)
Pulse width distortion
Rise time
Fall time
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpLH
tpHL
tpLH
tpHL
tpsk
|tpHL-tpLH|
tr
tf
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 4)
(Note 1)
(Note 1)
(Note 1)
(Note 2)
(Note 3)
Test
Circuit
Fig.
12.1.7
Fig.
12.1.8
Test Condition
IF = 0 → 10 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF,Ta = 25 
IF = 10 → 0 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF,Ta = 25 
IF = 0 → 10 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF
IF = 10 → 0 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF
IF = 0 ←→ 10 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF
IF = 0 ←→ 10 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF
IF = 0 → 10 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF
IF = 10 → 0 mA, VCC = 20 V,
Rg = 30 Ω, Cg = 1 nF
VCM = 1000 Vp-p, IF = 10 mA,
VCC = 20 V, Ta = 25 ,
VO(min) = 16 V
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 20 V, Ta = 25 ,
VO(max) = 1 V
Min
50
50
-85
±20
±20
Typ.
125
120
125
120
5
35
15
Max
170
170
200
200
85
50
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: Input signal ( f = 250 kHz, duty = 50 %, tr = tf = 5 ns or less ).
CL is approximately 15 pF which includes probe and stray wiring capacitance.
Note 2: CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic high state (VO > 16 V).
Note 3: CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in
the logic low state (VO < 1 V).
Note 4: The propagation delay skew, tpsk, is equal to the magnitude of the worst-case difference in tpHL and/or tpLH
that will be seen between units at the same given conditions (supply voltage, input current, temperature, etc).
2015-12-25
Rev.5.0
©2015 Toshiba Corporation


Similar Part No. - TLP705A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP705 TOSHIBA-TLP705 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
More results

Similar Description - TLP705A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
   Isolation of up to 5000 Vrms
logo
American Zettler, Inc.
AZ7555 AZETTLER-AZ7555 Datasheet
945Kb / 3P
   Dielectric strength 5000 Vrms
logo
List of Unclassifed Man...
FNA41560B2 ETC2-FNA41560B2 Datasheet
3Mb / 16P
   UL Certified No. E209204, Isolation Rating of 2000 Vrms / min
logo
American Zettler, Inc.
AZ7335 AZETTLER-AZ7335 Datasheet
1Mb / 3P
   Dielectric strength 5000 Vrms
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
   Dielectric strength 5000 Vrms
logo
ZETTLER Electronics
AZ576 ZETTLER-AZ576 Datasheet
50Kb / 2P
   Dielectric strength 5000 Vrms
logo
Rohm
BM60059FV-C ROHM-BM60059FV-C Datasheet
1Mb / 49P
   Isolation Voltage 2500 Vrms 1ch Gate Driver Providing Galvanic Isolation
28.Jul.2021 Rev.002
BM61M22BFJ-C ROHM-BM61M22BFJ-C Datasheet
926Kb / 26P
   Isolation Voltage 2500 Vrms 1ch Gate Driver Providing Galvanic Isolation
12.Jan.2022 Rev.002
BM6109FV-C ROHM-BM6109FV-C Datasheet
1Mb / 43P
   1ch Gate Driver Providing Galvanic Isolation 2500 Vrms Isolation Voltage
25.Oct.2018 Rev.001
BM6112FV-C ROHM-BM6112FV-C Datasheet
1Mb / 38P
   Isolation Voltage 3750 Vrms 1ch Gate Driver Providing Galvanic Isolation
18.Nov.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com