Electronic Components Datasheet Search |
|
TLP250HF Datasheet(PDF) 6 Page - Toshiba Semiconductor |
|
TLP250HF Datasheet(HTML) 6 Page - Toshiba Semiconductor |
6 / 16 page TLP250H,TLP250HF 6 10. 10. 10. 10. Electrical Characteristics (Note)(Unless otherwise specified, T Electrical Characteristics (Note)(Unless otherwise specified, T Electrical Characteristics (Note)(Unless otherwise specified, T Electrical Characteristics (Note)(Unless otherwise specified, Taaaa = -40 to 125 = -40 to 125 = -40 to 125 = -40 to 125 )))) Characteristics Input forward voltage Input forward voltage temperature coefficient Input reverse current Input capacitance Peak high-level output current Peak low-level output current High-level output voltage Low-level output voltage High-level supply current Low-level supply current Threshold input current (L/H) Threshold input voltage (H/L) Supply voltage UVLO threshold voltage UVLO hysteresis Symbol VF ∆VF/∆Ta IR Ct IOPH IOPL VOH VOL ICCH ICCL IFLH VFHL VCC VUVLO+ VUVLO- UVLOHYS Note (Note 1) (Note 1) Test Circuit Fig. 12.1.1 Fig. 12.1.2 Fig. 12.1.3 Fig. 12.1.4 Fig. 12.1.5 Fig. 12.1.6 Test Condition IF = 10 mA, Ta = 25 IF = 10 mA VR = 5 V, Ta = 25 V = 0 V, f = 1 MHz, Ta = 25 IF = 5 mA, VCC = 30 V, V8-6 = -3.5 V IF = 5 mA, VCC = 15 V, V8-6 = -7.0 V IF = 0 mA, VCC = 30 V, V6-5 = 2.5 V IF = 0 mA, VCC = 15 V, V6-5 = 7.0 V IF = 5 mA, RL = 200 Ω, VCC1 = +15 V, VEE1 = -15 V VF = 0.8 V, RL = 200 Ω, VCC1 = +15 V, VEE1 = -15 V IF = 10 mA, VCC = 30 V, VO = Open IF = 0 mA, VCC = 30 V, VO = Open VCC = 15 V, VO > 1 V VCC = 15 V, VO < 1 V IF = 5 mA , VO > 2.5 V IF = 5 mA, VO < 2.5 V Min 1.4 1.0 2.0 11.0 0.8 10 7.5 7.5 Typ. 1.57 -1.8 45 -2.2 -3.4 2.4 3.5 13.7 -14.9 1.9 1.8 1.0 1.47 8.7 8.4 0.3 Max 1.8 10 -1.0 -2.0 -12.5 3.0 3.0 5 30 9.5 9.5 Unit V mV/ µA pF A V mA V Note: All typical values are at Ta = 25 . Note: This device is designed for low power consumption, making it more sensitive to ESD than its predecessors. Extra care should be taken in the design of circuitry and pc board implementation to avoid ESD problems. Note 1: IO application time ≤ 50 µs, single pulse. 11. 11. 11. 11. Isolation Characteristics (Unless otherwise specified, T Isolation Characteristics (Unless otherwise specified, T Isolation Characteristics (Unless otherwise specified, T Isolation Characteristics (Unless otherwise specified, Taaaa = 25 = 25 = 25 = 25 )))) Characteristics Total capacitance (input to output) Isolation resistance Isolation voltage Symbol CS RS BVS Note (Note 1) (Note 1) (Note 1) Test Condition VS = 0 V, f = 1 MHz VS = 500 V, R.H. ≤ 60 % AC, 60 s AC, 1 s in oil DC, 60 s in oil Min 1 × 1012 3750 Typ. 0.35 1014 10000 10000 Max Unit pF Ω Vrms Vdc Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7 and 8 are shorted together. 2015-12-24 Rev.4.0 ©2015 Toshiba Corporation |
Similar Part No. - TLP250HF |
|
Similar Description - TLP250HF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |