Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCK105G Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCK105G
Description  Load Switch IC with Current Limit function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK105G Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCK105G Datasheet HTML 2Page - Toshiba Semiconductor TCK105G Datasheet HTML 3Page - Toshiba Semiconductor TCK105G Datasheet HTML 4Page - Toshiba Semiconductor TCK105G Datasheet HTML 5Page - Toshiba Semiconductor TCK105G Datasheet HTML 6Page - Toshiba Semiconductor TCK105G Datasheet HTML 7Page - Toshiba Semiconductor TCK105G Datasheet HTML 8Page - Toshiba Semiconductor TCK105G Datasheet HTML 9Page - Toshiba Semiconductor TCK105G Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TCK104G,TCK105G
2014-03-01
6
Application Note
1.
Application circuit example (top view)
The figure below shows the recommended configuration for TCK104G and TCK105G
1) Input capacitor
An input capacitor(CIN) is not necessary for the guaranteed operation of TCK104G and TCK105G. However, it is
recommended to use input capacitors to reduce voltage drop due to sharp changes in output current and also for
improved stability of the power supply. When used, place CIN as close to VIN pin to improve stability of the power
supply. Also, due to the CIN selected, VIN < VOUT may occur, causing a reverse current to flow through the body
diode of the pass-through p-ch MOSFET of the load switch IC. In this case, a higher value for CIN as compared to
CL is recommended.
2) Output capacitor
An output capacitor (COUT) is not necessary for the guaranteed operation of TCK104G and TCK105G. However,
there is a possibility of overshoot or undershoot caused by output load transient response, board layout and
parasitic components of load switch IC. In this case, an output capacitor with COUT more than 0.1μF us
recommended.
3) Control pin
A control pins for TCK104G and TCK105G are both Active High, which controls both the pass-through p-ch
MOSFET and the discharge n-ch MOSFET, operated by the control voltage and Schmitt trigger. When the control
voltage level is High, p-ch MOSFET is ON state and n-ch MOSFET is OFF state. When control voltage level is
Low, and the state of the MOSFETs is reversed. Also, pull down resistance equivalent to a few MΩis connected
between CONTROL and GND, thus the load switch IC is in OFF state even when CONTROL pin is OPEN. In
addition, CONTROL pin has a tolerant function such that it can be used even if the control voltage is higher than
the input voltage.
Control
voltage
IC
Operation
HIGH
ON
LOW
OFF
OPEN
OFF
VOUT
GND
VIN
CONTROL
CL
RL
LOAD
CIN


Similar Part No. - TCK105G

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCK100 TRACOPOWER-TCK100 Datasheet
338Kb / 1P
   Inductor
Rev. November 30, 2022
TCK101 TRACOPOWER-TCK101 Datasheet
491Kb / 1P
   Common Mode Choke
Rev. November 30, 2022
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
logo
TRACO Electronic AG
TCK102 TRACOPOWER-TCK102 Datasheet
355Kb / 1P
   Inductor
Rev. November 30, 2022
logo
Toshiba Semiconductor
TCK1024G TOSHIBA-TCK1024G Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
More results

Similar Description - TCK105G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2194 FAIRCHILD-FPF2194_12 Datasheet
895Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2193 FAIRCHILD-FPF2193 Datasheet
529Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2165R ONSEMI-FPF2165R Datasheet
553Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
May 2015 Rev. 1.4
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163 Datasheet
822Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2163 FAIRCHILD-FPF2163_08 Datasheet
807Kb / 13P
   Full Function Load Switch with Adjustable Current Limit
FPF2165R FAIRCHILD-FPF2165R Datasheet
528Kb / 11P
   Full Function Load Switch with Adjustable Current Limit
logo
ON Semiconductor
FPF2193 ONSEMI-FPF2193 Datasheet
955Kb / 14P
   Full-Function Load Switch with Adjustable Current Limit
December-2017, Rev. 2
logo
Toshiba Semiconductor
TCK22XXXG TOSHIBA-TCK22XXXG Datasheet
696Kb / 13P
   Load Switch IC with Over current limited function
2022-06-09
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com