Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62771FTG Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TB62771FTG
Description  Step-up DC/DC controller built in 4-channel sink driver for white LED
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62771FTG Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TB62771FTG Datasheet HTML 11Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 12Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 13Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 14Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 15Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 16Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 17Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 18Page - Toshiba Semiconductor TB62771FTG Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TB62771FTG
2013-05-23
15
3) Example3 (DIM signal is inputted after soft-start)
EN
VIN
DIM
VCC
VLED
IOUT1
IOUT2
IOUT3
IOUT4
NDRV
FLT
Start function
・UVLO(VIN)
・UVLO(VCC)
・OVP
・TSD
・VCC
4V
1ms
Unused channel
detection
VLED reachs “OVP detection level×0.95"
→Soft-start finishs
DIM outputs “H” for 5clks or more.
→Feedback object change to minimum OUT terminal.
Natural discharge
Soft-start
(Feedback object:
OVP×0.95)
Phase shift function


Similar Part No. - TB62771FTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62777FG TOSHIBA-TB62777FG Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
More results

Similar Description - TB62771FTG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9288A RICHTEK-RT9288A Datasheet
289Kb / 13P
   PWM Step-Up DC/DC Controller for White-LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
   DC-DC Step-Up Converter for White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com