Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBFR03100-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBFR03100-HF
Description  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFR03100-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBFR03100-HF Datasheet HTML 1Page - Comchip Technology CDBFR03100-HF Datasheet HTML 2Page - Comchip Technology CDBFR03100-HF Datasheet HTML 3Page - Comchip Technology CDBFR03100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBFR03100-HF
SMD Schottky Barrier Diode
Page 1
QW-G1120
REV:A
Comchip Technology CO., LTD.
Io = 300 mA
RoHS Device
Halogen Free
VR = 100 Volts
Features
- Designed for mounting on small surface.
- Extremely thin/leadless package.
- Low drop-down voltage.
Mechanical data
- Case: 1005/SOD-323F standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026
- Polarity: Indicated by cathode band.
- Weight: 0.006 grams(approx.).
- Mounting position: Any
Circuit Diagram
- Majority carrier conduction.
0.102(2.60)
0.095(2.40)
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
1005/SOD-323F
0.041(1.05)
0.037(0.95)
0.024(0.60)
0.016(0.40)
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Conditions
Min
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
25
CT
Capacitance between terminals
pF
f = 1MHz, VR = 1V
Forward voltage
IF = 300mA
VF
V
0.82
IR
µA
Reverse current
VR = 100V
50
VRRM
Max. Repetitive peak reverse voltage
Symbol
Parameter
Conditions
Unit
V
100
VR
Max. Reverse voltage
V
100
IFSM
Max. Forward surge current
3
PD
mW
°C
200
-55 to +150
Power dissipation
Storage temperature range
Tj
°C
-40 to +150
Junction temperature range
TSTG
A
IO
Max. Average forward current
mA
300
Company reserves the right to improve product design , functions and reliability without notice.
0.75
VRMS
Max. RMS voltage
V
70
Notes: Pulse test with PW=300µsec, 1% duty cycle
Value
8.3 ms single half sine-wave
superimposed on rate load
(JEDEC method)


Similar Part No. - CDBFR03100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBFR0320 COMCHIP-CDBFR0320 Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0330 COMCHIP-CDBFR0330 Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
CDBFR0330-HF COMCHIP-CDBFR0330-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0340 COMCHIP-CDBFR0340 Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
More results

Similar Description - CDBFR03100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com